Electronic Components Datasheet Search
  English  ▼

X  

TPS61012 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61012
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61012 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61012 Datasheet HTML 1Page - Texas Instruments TPS61012 Datasheet HTML 2Page - Texas Instruments TPS61012 Datasheet HTML 3Page - Texas Instruments TPS61012 Datasheet HTML 4Page - Texas Instruments TPS61012 Datasheet HTML 5Page - Texas Instruments TPS61012 Datasheet HTML 6Page - Texas Instruments TPS61012 Datasheet HTML 7Page - Texas Instruments TPS61012 Datasheet HTML 8Page - Texas Instruments TPS61012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
VBAT
LBI
EN
ADEN
VOUT
LBO
FB
COMP
SW
GND
CIN
10
µF
L1
10
µH
R3
COUT
22
µF
CC1
10 pF
CC2
10 nF
RC
100 k
Ω
6
9
1
8
4
2
3
10
5
7
OFF
ON
OFF
ON
VOUT = 3.3 V
Low Battery Warning
TPS61016
R1
R2
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314C – SEPTEMBER 2000 – REVISED OCTOBER 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 1. Typical Application Circuit for Fixed Output Voltage Option
AVAILABLE OUTPUT VOLTAGE OPTIONS
TA
OUTPUT VOLTAGE
PART NUMBER (1)
MARKING DGS PACKAGE
Adjustable from 1.5 V to 3.3 V
TPS61010DGS
AIP
1.5 V
TPS61011DGS
AIQ
1.8 V
TPS61012DGS
AIR
-40
°C to 85°C
2.5 V
TPS61013DGS
AIS
2.8 V
TPS61014DGS
AIT
3.0 V
TPS61015DGS
AIU
3.3 V
TPS61016DGS
AIV
(1)
The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS61010DGSR) to order quantities of 3000
devices per reel.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com