Electronic Components Datasheet Search
  English  ▼

X  

LM3204 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3204 Datasheet HTML 6Page - Texas Instruments LM3204 Datasheet HTML 7Page - Texas Instruments LM3204 Datasheet HTML 8Page - Texas Instruments LM3204 Datasheet HTML 9Page - Texas Instruments LM3204 Datasheet HTML 10Page - Texas Instruments LM3204 Datasheet HTML 11Page - Texas Instruments LM3204 Datasheet HTML 12Page - Texas Instruments LM3204 Datasheet HTML 13Page - Texas Instruments LM3204 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
60
70
80
90
100
110
120
IBYPOUT = 500 mA
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
50
0
100
200
300
400
500
OUTPUT CURRENT (mA)
0
5
10
15
20
25
30
35
40
VIN = EN = BYP = 3.25V
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
150
200
300
400
450
500
-40
VIN = 4.2V
ISW = 500 mA
VIN = 2.7V
VIN = 3.6V
350
250
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
150
200
300
400
450
500
-40
VIN = 4.2V
ISW = -200 mA
VIN = 2.7V
VIN = 3.6V
250
350
IL
400 ns/DIV
200 mA/DIV
2V/DIV
VSW
10 mV/DIV
AC Coupled
VOUT
VIN = 4.2V
VOUT = 3.25V
IOUT = 300 mA
IL
400 ns/DIV
200 mA/DIV
2V/DIV
VSW
VIN = 3.57V
VOUT = 3.25V
10 mV/DIV
AC Coupled
VOUT
IOUT = 200 mA
LM3204
SNVS351C – JUNE 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 34, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Output Voltage Ripple
Output Voltage Ripple in Dropout
(VOUT = 3.25V, VCON = 1.08V)
(VIN = 3.57V, VOUT = 3.25V, ILOAD = 200 mA)
Figure 27.
Figure 28.
RDSON
RDSON
vs
vs
Temperature
Temperature
(P-FET)
(N-FET)
Figure 29.
Figure 30.
RDSON
Dropout Voltage
vs
vs
Temperature
Output Current
(Bypass FET)
(Bypass Mode)
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com