Electronic Components Datasheet Search
  English  ▼

X  

LM3204 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3204 Datasheet HTML 11Page - Texas Instruments LM3204 Datasheet HTML 12Page - Texas Instruments LM3204 Datasheet HTML 13Page - Texas Instruments LM3204 Datasheet HTML 14Page - Texas Instruments LM3204 Datasheet HTML 15Page - Texas Instruments LM3204 Datasheet HTML 16Page - Texas Instruments LM3204 Datasheet HTML 17Page - Texas Instruments LM3204 Datasheet HTML 18Page - Texas Instruments LM3204 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM3204
www.ti.com
SNVS351C – JUNE 2005 – REVISED APRIL 2013
EN should be set low to turn off the LM3204 during power-up and under voltage conditions when the power
supply is less than the 2.7V minimum operating voltage. The LM3204 is designed for compact portable
applications, such as mobile phones. In such applications, the system controller determines power supply
sequencing and requirements for small package size outweigh the benefit of including UVLO (Under Voltage
Lock-Out) circuitry.
Dynamically Adjustable Output Voltage
The LM3204 features dynamically adjustable output voltage to eliminate the need for external feedback resistors.
The output can be set from 0.8V to 3.6V by changing the voltage on the analog VCON pin. This feature is useful in
PA applications where peak power is needed only when the handset is far away from the base station or when
data is being transmitted. In other instances, the transmitting power can be reduced. Hence the supply voltage to
the PA can be reduced, promoting longer battery life. See Setting the Output Voltage section for further details.
Over Voltage Protection
The LM3204 has an over voltage comparator that prevents the output voltage from rising too high, when the
device is left in PWM mode under light-load conditions, during output voltage steps, or during startup. When the
output voltage rises to 330mV over its target, the OVP comparator inhibits PWM operation to skip pulses until the
output voltage returns to the target. During the over voltage protection mode, both the PWM PFET and the NFET
synchronous rectifier are off. When the part comes out of the over voltage protection mode, the NFET
synchronous rectifier remains off for approximately 3.5µs to avoid inductor current going negative.
Internal Synchronous Rectification
While in PWM mode, the LM3204 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
With medium and heavy loads, the internal NFET synchronous rectifier is turned on during the inductor current
down slope in the second part of each cycle. The synchronous rectifier is turned off prior to the next cycle. There
is no zero cross detect, which means that the NFET can conduct current in both directions and inductor current is
always continuous. The advantage of this method is that the part remains in PWM mode at light loads or no load
conditions. The NFET has a current limit. The NFET is designed to conduct through its intrinsic body diode
during transient intervals before it turns on, eliminating the need for an external diode.
Current Limiting
A current limit feature allows the LM3204 to protect itself and external components during overload conditions. In
PWM mode, a 940mA (max.) cycle-by-cycle current limit is normally used. If an excessive load pulls the output
voltage down to below approximately 0.375V, indicating a possible short to ground, then the device switches to a
timed current limit mode. In timed current limit mode, the internal PFET switch is turned off after the current
comparator trips, and the beginning of the next cycle is inhibited for 3.5µs to force the instantaneous inductor
current to ramp down to a safe value. After the 3.5µs interval, the internal PFET is turned on again. This cycle is
repeated until the load is reduced and the output voltage exceeds approximately 0.375V. Therefore, the device
may not startup if an excessive load is connected to the output when the device is enabled. The synchronous
rectifier is off in the timed current limit mode. Timed current limit prevents the loss of current control seen in
some products when the output voltage is pulled low in serious overload conditions.
A current limit is also provided for the NFET. This is approximately
−500mA. Both the NFET and the PFET are
turned off in negative current limit until the PFET is turned on again at the beginning of the next cycle. The
negative current limit inhibits buildup of excessive negative inductor current.
In the Bypass mode, the bypass current limit is 1000mA (typ.). The output voltage drops when the bypass
current limit kicks in.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com