Electronic Components Datasheet Search
  English  ▼

X  

LM3269 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3269
Description  Seamless-Transition Buck-Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3269 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3269 Datasheet HTML 7Page - Texas Instruments LM3269 Datasheet HTML 8Page - Texas Instruments LM3269 Datasheet HTML 9Page - Texas Instruments LM3269 Datasheet HTML 10Page - Texas Instruments LM3269 Datasheet HTML 11Page - Texas Instruments LM3269 Datasheet HTML 12Page - Texas Instruments LM3269 Datasheet HTML 13Page - Texas Instruments LM3269 Datasheet HTML 14Page - Texas Instruments LM3269 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
2.2 2H
PVIN
PVIN
EN
SGND
PGND
SW1
SW2
LM3269
VOUT
FB
VCON
RF PA
VOUT: 0.6V to 4.2V
4.7 2F
10 2F
VBATT: 2.7V to 5.5V
GPO1
DAC
BB
RFIC
LM3269
www.ti.com
SNVS793D – NOVEMBER 2011 – REVISED MAY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Setting The Output Voltage
The LM3269 features a pin-controlled variable output voltage which eliminates the need for external feedback
resistors. It can be programmed for an output voltage from 0.6 V to 4.2 V by setting the voltage on the VCON
pin, as in Equation 1.
VOUT = 3 × VCON
(1)
When VCON is between 0.2 V and 1.4 V, the output voltage will follow the formula in Equation 1.
8.1.2 Output Current Capacity
The LM3269 load capability is as shown in Table 1.
Table 1. Output Voltage vs. Maximum Output Current Derating
VOUT
VBATT
MAXIMUM IOUT CAPABILITY
> 3 V
650 mA
4.2 V
2.7 V to 3 V
500 mA
> 3 V
750 mA
3.8 V
2.7 V to 3 V
600 mA
< 1.5 V
2.7 V to 5.5 V
120 mA (in PFM mode)
8.2 Typical Application
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com