Electronic Components Datasheet Search
  English  ▼

X  

LM3269 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3269
Description  Seamless-Transition Buck-Boost Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3269 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3269 Datasheet HTML 9Page - Texas Instruments LM3269 Datasheet HTML 10Page - Texas Instruments LM3269 Datasheet HTML 11Page - Texas Instruments LM3269 Datasheet HTML 12Page - Texas Instruments LM3269 Datasheet HTML 13Page - Texas Instruments LM3269 Datasheet HTML 14Page - Texas Instruments LM3269 Datasheet HTML 15Page - Texas Instruments LM3269 Datasheet HTML 16Page - Texas Instruments LM3269 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LM3269
www.ti.com
SNVS793D – NOVEMBER 2011 – REVISED MAY 2015
Table 3. Suggested Capacitors
MODEL
VENDOR
10 µF for CIN
C1608X5R0J106K (0603)
TDK
CL05A106MQ5NUN (0402)
Samsung
4.7 µF for COUT
C1608X5R0J475M (0603)
TDK
CL05A475MQ5NRN (0402)
Samsung
C1005X5RR0J475M (0402)
TDK
8.2.3 Application Curves
PVIN= 3.7 V
VOUT = 3.2 V
Load = 500 mA
PVIN = 3.7 V
VOUT = 0.8 V↔ 2 V
RLOAD = 20 Ω
Figure 10. Buck Mode Operation
Figure 9. VOUT Transient Response (PFM ↔ PWM)
PVIN = 3.8 V
VOUT = 3.6 V
IOUT = 600 mA
PVIN = 3.37 V
VOUT = 3.45 V
Load = 500 mA
Figure 12. Buck-Boost Operation
Figure 11. Boost Mode Operation
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3269



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com