Electronic Components Datasheet Search
  English  ▼

X  

MB9B160L Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB9B160L
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160L Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB9B160L Datasheet HTML 51Page - Cypress Semiconductor MB9B160L Datasheet HTML 52Page - Cypress Semiconductor MB9B160L Datasheet HTML 53Page - Cypress Semiconductor MB9B160L Datasheet HTML 54Page - Cypress Semiconductor MB9B160L Datasheet HTML 55Page - Cypress Semiconductor MB9B160L Datasheet HTML 56Page - Cypress Semiconductor MB9B160L Datasheet HTML 57Page - Cypress Semiconductor MB9B160L Datasheet HTML 58Page - Cypress Semiconductor MB9B160L Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
Document Number: 002-04976 Rev.*A
Page 55 of 118
MB9B160L Series
12.3 DC Characteristics
12.3.1
Current Rating
Parameter
Symbol
Pin
Name
Conditions
Frequency*
4
Value
Unit
Remarks
Typ*
1
Max*
2
Power
supply
current
ICC
VCC
Normal
operation
(PLL)
*5, *6
160 MHz
44
72
mA
*3
When all peripheral
clocks are ON
144 MHz
40
67
120 MHz
34
60
100 MHz
29
55
80 MHz
23
48
60 MHz
18
42
40 MHz
13
37
20 MHz
7.7
31
8 MHz
4.6
27
4 MHz
3.6
26
160 MHz
30
58
mA
*3
When all peripheral
clocks are OFF
144 MHz
27
54
120 MHz
23
49
100 MHz
20
46
80 MHz
16
41
60 MHz
13
38
40 MHz
9
33
20 MHz
5.7
30
8 MHz
3.7
27
4 MHz
3
26
Parameter
Symbol
Pin
Name
Conditions
Frequency*
7
Value
Unit
Remarks
Typ*
1
Max*
2
Power
supply
current
ICC
VCC
Normal
operation
(PLL)
*8
160 MHz
64
101
mA
*3
When all peripheral
clocks are ON
144 MHz
60
96
120 MHz
52
88
100 MHz
46
81
80 MHz
39
73
60 MHz
32
65
40 MHz
25
58
20 MHz
15
47
8 MHz
7.8
39
4 MHz
5.2
36
160 MHz
47
80
mA
*3
When all peripheral
clocks are OFF
144 MHz
43
75
120 MHz
39
71
100 MHz
35
66
80 MHz
30
61
60 MHz
25
55
40 MHz
20
50
20 MHz
13
42
8 MHz
6.7
36
4MHz
4.6
34
*1: TA=+25 °C, VCC=3.3 V
*2: Tj=+125 °C, VCC=5.5 V
*3: When all ports are fixed.
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK/2
*5: When operating flash accelerator mode and trace buffer function (FRWTR.RWT = 10, FBFCR.BE = 1)
*6: Data access is nothing to MainFlash memory
*7: Frequency is a value of HCLK. PCLK0=PCLK2=HCLK/2, PCLK1=HCLK
*8: When stopping flash accelerator mode and trace buffer function (FRWTR.RWT = 10, FBFCR.BE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com