Electronic Components Datasheet Search
  English  ▼

X  

MB9B160L Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # MB9B160L
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160L Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button MB9B160L Datasheet HTML 93Page - Cypress Semiconductor MB9B160L Datasheet HTML 94Page - Cypress Semiconductor MB9B160L Datasheet HTML 95Page - Cypress Semiconductor MB9B160L Datasheet HTML 96Page - Cypress Semiconductor MB9B160L Datasheet HTML 97Page - Cypress Semiconductor MB9B160L Datasheet HTML 98Page - Cypress Semiconductor MB9B160L Datasheet HTML 99Page - Cypress Semiconductor MB9B160L Datasheet HTML 100Page - Cypress Semiconductor MB9B160L Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
Document Number: 002-04976 Rev.*A
Page 97 of 118
MB9B160L Series
12.4.13 I
2C Timing
Typical Mode, High-speed Mode
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Conditions
Typical Mode
High-speed Mode
Unit
Remarks
Min
Max
Min
Max
SCL clock frequency
FSCL
CL = 30 pF,
R = (Vp/IOL)*
1
0
100
0
400
kHz
(Repeated) START condition
hold time
SDA ↓ → SCL ↓
tHDSTA
4.0
-
0.6
-
μs
SCL clock "L" width
tLOW
4.7
-
1.3
-
μs
SCL clock "H" width
tHIGH
4.0
-
0.6
-
μs
(Repeated) START condition
setup time
SCL ↑ → SDA ↓
tSUSTA
4.7
-
0.6
-
μs
Data hold time
SCL ↓ → SDA ↓ ↑
tHDDAT
0
3.45*
2
0
0.9*
3
μs
Data setup time
SDA ↓ ↑ → SCL ↑
tSUDAT
250
-
100
-
ns
STOP condition setup time
SCL ↑ → SDA ↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time between
"STOP condition" and
"START condition"
tBUF
4.7
-
1.3
-
μs
Noise filter
tSP
2 MHz
≤
tCYCP<40 MHz
2tCYCP*
4
-
2tCYCP*
4
-
ns
*5
40 MHz
≤
tCYCP<60 MHz
4tCYCP*
4
-
4tCYCP*
4
-
ns
60 MHz
≤
tCYCP<80 MHz
6tCYCP*4
-
6tCYCP*
4
-
ns
80 MHz
≤
tCYCP<100 MHz
8tCYCP*
4
-
8tCYCP*
4
-
ns
100 MHz
≤
tCYCP<120 MHz
10tCYCP*
4
-
10tCYCP*
4
-
ns
120 MHz
≤
tCYCP<140 MHz
12tCYCP*
4
-
12tCYCP*
4
-
ns
140 MHz
≤
tCYCP<160 MHz
14tCYCP*
4
-
14tCYCP*
4
-
ns
160 MHz
≤
tCYCP<180 MHz
16tCYCP*
4
-
16tCYCP*
4
-
ns
*1: R and CL represent the pull-up resistance and load capacitance of the SCL and SDA lines, respectively. Vp indicates the power
supply voltage of the pull-up resistance and IOL indicates VOL guaranteed current.
*2: The maximum tHDDAT must satisfy that it does not extend at least "L" period (tLOW) of device's SCL signal.
*3: A high-speed mode I
2C bus device can be used on a typical mode I2C bus system as long as the device satisfies the requirement
of tSUDAT ≥ 250 ns.
*4: tCYCP is the APB bus clock cycle time.
About the APB bus number that I
2C is connected to, see "8. Block Diagram" in this data sheet.
*5: The noise filter time can be changed by register settings.
Change the number of the noise filter steps according to APB bus clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com