Electronic Components Datasheet Search
  English  ▼

X  

LM317LIPK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LIPK
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LIPK Datasheet(HTML) 3 Page - Texas Instruments

  LM317LIPK Datasheet HTML 1Page - Texas Instruments LM317LIPK Datasheet HTML 2Page - Texas Instruments LM317LIPK Datasheet HTML 3Page - Texas Instruments LM317LIPK Datasheet HTML 4Page - Texas Instruments LM317LIPK Datasheet HTML 5Page - Texas Instruments LM317LIPK Datasheet HTML 6Page - Texas Instruments LM317LIPK Datasheet HTML 7Page - Texas Instruments LM317LIPK Datasheet HTML 8Page - Texas Instruments LM317LIPK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
INPUT
OUTPUT
ADJUSTMENT
LP PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUSTMENT
PK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
INPUT
OUTPUT
OUTPUT
ADJUSTMENT
NC
OUTPUT
OUTPUT
NC
D PACKAGE
(TOP VIEW)
NC – No internal connection
OUTPUT terminals are all internally connected.
1
2
3
4
8
7
6
5
INPUT
NC
NC
ADJUSTMENT
NC
NC
OUTPUT
NC
PW PACKAGE
(TOP VIEW)
NC – No internal connection
LM317L
www.ti.com
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
Pin Functions
NAME
D, PW
LP, PK
TYPE
DESCRIPTION
ADJUSTMENT
4
√
I
Output feedback voltage
INPUT
1
√
I
Input supply voltage
5
NC
√
—
No connect
8
2
3
OUTPUT
√
O
Regulated output voltage
6
7
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com