Electronic Components Datasheet Search
  English  ▼

X  

LM317LIPK Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LIPK
Description  3-Terminal Adjustable Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LIPK Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM317LIPK Datasheet HTML 10Page - Texas Instruments LM317LIPK Datasheet HTML 11Page - Texas Instruments LM317LIPK Datasheet HTML 12Page - Texas Instruments LM317LIPK Datasheet HTML 13Page - Texas Instruments LM317LIPK Datasheet HTML 14Page - Texas Instruments LM317LIPK Datasheet HTML 15Page - Texas Instruments LM317LIPK Datasheet HTML 16Page - Texas Instruments LM317LIPK Datasheet HTML 17Page - Texas Instruments LM317LIPK Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
R1
OUTPUT
R2
C
adj
C
OUT
0.1 F
10 F
Ground
High
Frequency
Bypass
Capacitor
High Input
Bypass
Capacitor
Power
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
10 Power Supply Recommendations
The LM317L device is designed to operate from an input voltage supply range between 2.5 V to 32 V greater
than the output voltage. If the device is more than six inches from the input filter capacitors, an input bypass
capacitor, 0.1 µF or greater, of any type is needed for stability.
11 Layout
11.1 Layout Guidelines
•
It is recommended that the input pin be bypassed to ground with a bypass-capacitor.
•
The optimum placement is closest to the VIN of the device and GND of the system. Care must be taken to
minimize the loop area formed by the bypass-capacitor connection, the VIN pin, and the GND pin of the
system.
•
For operation at full-rated load, it is recommended to use wide trace lengths to eliminate IR drop and heat
dissipation.
11.2 Layout Example
Figure 11. Layout Diagram
14
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com