Electronic Components Datasheet Search
  English  ▼

X  

CDCM1804RGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1804RGET
Description  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCM1804RGET Datasheet HTML 6Page - Texas Instruments CDCM1804RGET Datasheet HTML 7Page - Texas Instruments CDCM1804RGET Datasheet HTML 8Page - Texas Instruments CDCM1804RGET Datasheet HTML 9Page - Texas Instruments CDCM1804RGET Datasheet HTML 10Page - Texas Instruments CDCM1804RGET Datasheet HTML 11Page - Texas Instruments CDCM1804RGET Datasheet HTML 12Page - Texas Instruments CDCM1804RGET Datasheet HTML 13Page - Texas Instruments CDCM1804RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
PACKAGE THERMAL RESISTANCE
CONTROL INPUT CHARACTERISTICS
BIAS VOLTAGE VBB
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QFN-24 package thermal resistance(1)
4-layer JEDEC test board (JESD51-7),
RθJA-1
106.6
°C/W
airflow = 0 ft/min
QFN-24 package thermal resistance
4-layer JEDEC test board (JESD51-7) with four
RθJA-2 with thermal vias in PCB
(1)
thermal vias of 22-mil diameter each,
55.4
°C/W
airflow = 0 ft/min
(1)
It is recommended to provide four thermal vias to connect the thermal pad of the package effectively with the PCB and ensure a good
heat sink.
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TChassis = 85°C (temperature of the chassis)
Peffective = Imax × Vmax = 110 mA × 3.6 V = 396 mW (maximum power consumption inside the package)
θT
Junction = R
θJA-2 × Peffective = 55.45°C/W × 396 mW = 21.96°C
TJunction = θTJunction + TChassis = 21.96°C + 85°C = 107°C (the maximum junction temperature of
Tdie-max = 125°C is not violated)
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu
Setup time, S0, S1, S2, and EN terminals before clock IN
25
ns
th
Hold time, S0, S1, S2, and EN terminals after clock IN
0
ns
Time between latching the EN low transition and when all
t(disable)
outputs are disabled (how much time is required until the
10
ns
outputs turn off)
Time between latching the EN low-to-high transition and when
t(enable)
outputs are enabled based on control settings (how much time
1
µs
passes before the outputs carry valid signals)
Rpullup
Internal pullup resistor on S[2:0] and EN inputs
42
60
78
k
Ω
VIH(H)
Three-level input high, S0, S1, S2, and EN terminals(1)
0.9 VDD
V
VIM(M)
Three-level input MID, S0, S1, S2, and EN terminals
0.3 VDD
0.7 VDD
V
VIL(L)
Three-level input low, S0, S1, S2, and EN terminals
0.1 VDD
V
IIH
VI = VDD
–5
µA
Input current, S0, S1, S2, and EN terminals
IIL
VI = GND
38
85
µA
(1)
Leaving this terminal floating automatically pulls the logic level high to VDD through an internal pullup resistor of 60 kΩ.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBB
Output reference voltage
VDD = 3 V–3.6 V, IBB = –0.2 mA
VDD – 1.4
VDD – 1.2
V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com