Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74ADE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74ADE4
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74ADE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC74ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SN54LVC74A, SN74LVC74A
SCAS287T – JANUARY 1993 – REVISED JULY 2013
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C TO 125°C
–55°C TO 125°C(1)
–40°C TO 85°C(1)
SN74LVC74A
PARAMETER
TEST CONDITIONS
VCC
UNIT
SN54LVC74A
SN74LVC74A
Recommended
MIN
TYP
MAX
MIN
TYP
MAX
MIN TYP
MAX
1.65 V to 3.6
VCC –
VCC –
V
0.2
0.2
IOH = –100 μA
VCC –
2.7 V to 3.6 V
0.2
IOH = –4 mA
1.65 V
1.2
1.2
VOH
V
IOH = –8 mA
2.3 V
1.7
1.7
2.7 V
2.2
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
2.2
1.65 V to 3.6
0.2
0.2
V
IOL = 100 μA
2.7 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
0.45
VOL
V
IOL = 8 mA
2.3 V
0.7
0.7
IOL = 12 mA
2.7 V
0.4
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
3.6 V
±5
±5
±5
μA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
10
μA
One input at VCC – 0.6 V,
ΔICC
2.7 V to 3.6 V
500
500
500
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
5
5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC74A
VCC = 3.3 V
VCC = 2.7 V
UNIT
± 0.3 V
MIN
MAX
MIN
MAX
fclock
Clock frequency
83
100
MHz
PRE or CLR low
3.3
3.3
tw
Pulse duration
ns
CLK high or low
3.3
3.3
Data
3.4
3
tsu
Setup time before CLK
↑
ns
PRE or CLR inactive
2.2
2
th
Hold time, data after CLK
↑
1
1
ns
4
Submit Documentation Feedback
Copyright © 1993–2013, Texas Instruments Incorporated
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com