Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74ADE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74ADE4
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74ADE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC74ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC74ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN54LVC74A, SN74LVC74A
www.ti.com
SCAS287T – JANUARY 1993 – REVISED JULY 2013
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC74A
–40°C to 125°C
–40°C to 125°C
–40°C to 85°C
–40°C to 85°C
Recommended
Recommended
UNIT
VCC = 1.8 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 2.5 V
± 0.15 V
± 0.15 V
± 0.2 V
± 0.2 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
83
83
83
83
MHz
PRE or CLR low
4.1
4.1
3.3
3.3
tw
Pulse duration
ns
CLK high or low
4.1
4.1
3.3
3.3
Data
3.6
3.6
2.3
2.3
tsu
Setup time before CLK
↑
ns
PRE or CLR inactive
2.7
2.7
1.9
1.9
th
Hold time, data after CLK
↑
1
1
1
1
ns
Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC74A
–40°C to 125°C
–40°C to 125°C
–40°C to 85°C
–40°C to 85°C
Recommended
Recommended
UNIT
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
83
83
150
100
MHz
PRE or CLR low
3.3
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
3.3
3.3
3.3
3.3
Data
3.4
3.4
3
3
tsu
Setup time before CLK
↑
ns
PRE or CLR inactive
2.2
2.2
2
2
th
Hold time, data after CLK
↑
1
1
0
1
ns
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC74A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
fmax
83
100
MHz
CLK
6
1
5.2
tpd
Q or Q
ns
PRE or CLR
6.4
1
5.4
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC74A
–40°C to 125°C
–40°C to 125°C
–40°C to 85°C
–40°C to 85°C
FROM
TO
Recommended
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
VCC = 1.8 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 2.5 V
± 0.15 V
± 0.15 V
± 0.2 V
± 0.2 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
83
83
83
83
MHz
CLK
1
7.1
1
7.1
1
4.4
1
4.4
tpd
Q or Q
ns
PRE or CLR
1
6.9
1
6.9
1
4.6
1
4.6
tsk(o)
ns
Copyright © 1993–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com