Electronic Components Datasheet Search
  English  ▼

X  

LM3502 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3502
Description  Step-Up Converter for White LED Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502 Datasheet(HTML) 2 Page - Texas Instruments

  LM3502 Datasheet HTML 1Page - Texas Instruments LM3502 Datasheet HTML 2Page - Texas Instruments LM3502 Datasheet HTML 3Page - Texas Instruments LM3502 Datasheet HTML 4Page - Texas Instruments LM3502 Datasheet HTML 5Page - Texas Instruments LM3502 Datasheet HTML 6Page - Texas Instruments LM3502 Datasheet HTML 7Page - Texas Instruments LM3502 Datasheet HTML 8Page - Texas Instruments LM3502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
A1
A2
A3
B1
B3
C1
C3
D1
D2
D3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LM3502
SNVS339B – SEPTEMBER 2005 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
With no external compensation, cycle-by-cycle current limit, over-voltage protection, and under-voltage
protection, the LM3502 offers superior performance over other application specific standard product step-up
white LED drivers.
Connection Diagrams
Figure 2. TOP VIEW
Figure 3. TOP VIEW
10-Bump Thin DSBGA
16-Lead Thin WQFN
See Package Number (YPA0010)
See Package Number (RGH0016A)
PIN DESCRIPTIONS
Bump #
Pin #
Name
Description
A1
9
Cntrl
Shutdown Control Connection
B1
7
Fb
Feedback Voltage Connection
C1
6
VOUT2
Drain Connections of The NMOS and PMOS Field Effect Transistor (FET) Switches (Figure 4: N2
and P1)
D1
4
VOUT1
Over-Voltage Protection (OVP) and Source Connection of The PMOS FET Switch (Figure 4: P1)
D2
2 and 3
Sw
Drain Connection of The Power NMOS Switch (Figure 4: N1)
D3
15 and 16
PGND
Power Ground Connection
C3
14
AGND
Analog Ground Connection
B3
13
VIN
Supply or Input Voltage Connection
A3
12
En2
NMOS FET Switch Control Connection
A2
10
En1
PMOS FET Switch Control Connection
1
NC
No Connection
5
NC
No Connection
8
NC
No Connection
11
NC
No Connection
DAP
DAP
Die Attach Pad (DAP), must be soldered to the printed circuit board’s ground plane for enhanced
thermal dissipation.
Cntrl (Bump A1): Shutdown control pin
When VCntrl is ≥ 1.4V, the LM3502 is enabled or ON. When VCntrl is ≤ 0.3V, the LM3502 will
enter into shutdown mode operation. The LM3502 has an internal pull down resistor on the
Cntrl pin, thus the device is normally in the off state or shutdown mode of operation.
Fb (Bump B1): Output voltage feedback connection
The white LED string network current is set/programmed using a resistor from this pin to
ground.
VOUT2 (Bump C1): Drain connections of the internal PMOS and NMOS FET switches
. (Figure 4: P1 and N2). It is recommended to connect 100nF at VOUT2 for the LM3502-35V
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com