Electronic Components Datasheet Search
  English  ▼

X  

LM3502 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3502
Description  Step-Up Converter for White LED Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3502 Datasheet HTML 9Page - Texas Instruments LM3502 Datasheet HTML 10Page - Texas Instruments LM3502 Datasheet HTML 11Page - Texas Instruments LM3502 Datasheet HTML 12Page - Texas Instruments LM3502 Datasheet HTML 13Page - Texas Instruments LM3502 Datasheet HTML 14Page - Texas Instruments LM3502 Datasheet HTML 15Page - Texas Instruments LM3502 Datasheet HTML 16Page - Texas Instruments LM3502 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
R1
LM3502
VIN
Sw
En1
En2
Fb
Cntrl
AGND
PGND
VOUT1
VOUT2
VSUPPLY
PWM Signal
GND
Unconnected
Floating
ILED =
R1
VFb
LM3502
www.ti.com
SNVS339B – SEPTEMBER 2005 – REVISED MAY 2013
APPLICATION INFORMATION
WHITE LED CURRENT SETTING
The LED current is set using the following equation:
where
•
ILED: White LED Current.
•
VFb: Feedback Pin Voltage. VFb = 0.25V, Typical.
•
R1: Current Setting Resistor.
(1)
WHITE LED DIMMING
For dimming the white LED string with a pulse-width-modulated (PWM) signal on the Cntrl pin, care must taken
to balance the tradeoffs between audible noise and white LED brightness control. For best PWM duty cycle vs.
white LED current linearity, the PWM frequency should be between 200Hz and 500Hz. Other PWM frequencies
can be used, but the linearity over input voltage and duty cycle variation will not be as good as what the 200Hz to
500Hz PWM frequency spectrum provides. To minimize audible noise interference, it is recommended that a
output capacitor with minimal susceptibility to piezoelectric induced stresses be used for the particular
applications that require minimal or no audible noise interference.
Figure 30.
If VOUT2 is not used , En2 must be grounded
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com