Electronic Components Datasheet Search
  English  ▼

X  

DP8431V Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8431V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8431V Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP8431V Datasheet HTML 20Page - National Semiconductor (TI) DP8431V Datasheet HTML 21Page - National Semiconductor (TI) DP8431V Datasheet HTML 22Page - National Semiconductor (TI) DP8431V Datasheet HTML 23Page - National Semiconductor (TI) DP8431V Datasheet HTML 24Page - National Semiconductor (TI) DP8431V Datasheet HTML 25Page - National Semiconductor (TI) DP8431V Datasheet HTML 26Page - National Semiconductor (TI) DP8431V Datasheet HTML 27Page - National Semiconductor (TI) DP8431V Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
50 Refresh Options (Continued)
523 Error Scrubbing during Refresh
The DP8430V31V32V support error scrubbing during all
RAS DRAM refreshes Error scrubbing during refresh is se-
lected through bits C4 – C6 with bit R9 negated during pro-
gramming Error scrubbing can not be used with staggered
refresh (see Section 80) Error scrubbing during refresh al-
lows a CAS or group of CASs to assert during the all RAS
refresh as shown in
Figure 18 This allows data to be read
from the DRAM array and passed through an Error Detec-
tion And Correction Chip EDAC If the EDAC determines
that the data contains a single bit error and corrects that
error the refresh cycle can be extended with the input ex-
tend refresh EXTNDRF and a read-modify-write operation
can be performed by asserting WE It is the responsibility of
the designer to ensure that WE is negated The DP8432V
has a 24-bit internal refresh address counter that contains
the 11 row
11 column and 2 bank addresses
The
DP8430V31V have a 22-bit internal refresh address coun-
ter that contains the 10 row 10 column and 2 bank address-
es These counters are configured as bank column row
with the row address as the least significant bits The bank
counter bits are then used with the programming selection
to determine which CAS or group of CASs will assert during
a refresh
TLF11118 – 27
FIGURE 18 Error Scrubbing during Refresh (Two Refresh Cycles Shown)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com