| Electronic Components Datasheet Search |
|
DP8431V Datasheet(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8431V Datasheet(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 56 page ![]() 40 Port A Access Modes The DP8430V31V32V have two general purpose access modes Mode 0 RAS synchronous and Mode 1 RAS asyn- chronous One of these modes is selected at programming through the B1 input A Port A access to DRAM is initiated by two input signals ADS (ALE) and CS The access is al- ways terminated by one signal AREQ These input signals should be synchronous to the input clock 41 ACCESS MODE 0 Mode 0 synchronous access is selected by negating the input B1 during programming (B1e0) To initiate a Mode 0 access ALE is pulse high and CS is asserted If precharge time was met a refresh of DRAM or a Port B access was not in progress the RAS (RASs) would be asserted on the first rising edge of clock If a refresh or a Port B access is in progress or precharge time is required the controller will wait until these events have taken place and assert RAS (RASs) on the next positive edge of clock Sometime after the first positive edge of clock after ALE and CS have been asserted the input AREQ must be asserted In single port applications once AREQ is asserted CS can be negated On the other hand ALE can stay asserted sev- eral periods of clock however ALE must be negated before or during the period of CLK in which AREQ is negated The controller samples AREQ on the every rising edge of clock after DTACK is asserted The access will end when AREQ is sampled negated TLF11118 – 8 FIGURE 8a Access Mode 0 12 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |