Electronic Components Datasheet Search
  English  ▼

X  

LM3578AMX Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AMX
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3578AMX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3578AMX Datasheet HTML 5Page - Texas Instruments LM3578AMX Datasheet HTML 6Page - Texas Instruments LM3578AMX Datasheet HTML 7Page - Texas Instruments LM3578AMX Datasheet HTML 8Page - Texas Instruments LM3578AMX Datasheet HTML 9Page - Texas Instruments LM3578AMX Datasheet HTML 10Page - Texas Instruments LM3578AMX Datasheet HTML 11Page - Texas Instruments LM3578AMX Datasheet HTML 12Page - Texas Instruments LM3578AMX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
Figure 14. Value of Timing Capacitor vs Oscillator Frequency
OUTPUT TRANSISTOR
The output transistor is capable of delivering up to 750 mA with a saturation voltage of less than 0.9V. (see
Collector Saturation Voltage and Emitter Saturation Voltage curves).
The emitter must not be pulled more than 1V below ground (this limit is 0.6V for TJ ≥ 100°C). Because of this
limit, an external transistor must be used to develop negative output voltages (see the Inverting Regulator Typical
Application). Other configurations may need protection against violation of this limit (see the Emitter Output
section of the Applications Information).
CURRENT LIMIT
The LM2578A's current limit may be referenced to either the ground or the Vin pins, and operates on a cycle-by-
cycle basis.
The current limit section consists of two comparators: one with its non-inverting input referenced to a voltage
110 mV below Vin, the other with its inverting input referenced 110 mV above ground (see FUNCTIONAL
DIAGRAM). The current limit is activated whenever the current limit terminal is pulled 110 mV away from either
Vin or ground.
Applications Information
CURRENT LIMIT
As mentioned in the functional description, the current limit terminal may be referenced to either the Vin or the
ground terminal. Resistor R3 converts the current to be sensed into a voltage for current limit detection.
Figure 15. Current Limit, Ground Referred
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com