Electronic Components Datasheet Search
  English  ▼

X  

LM3578AMX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3578AMX
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3578AMX Datasheet(HTML) 1 Page - Texas Instruments

  LM3578AMX Datasheet HTML 1Page - Texas Instruments LM3578AMX Datasheet HTML 2Page - Texas Instruments LM3578AMX Datasheet HTML 3Page - Texas Instruments LM3578AMX Datasheet HTML 4Page - Texas Instruments LM3578AMX Datasheet HTML 5Page - Texas Instruments LM3578AMX Datasheet HTML 6Page - Texas Instruments LM3578AMX Datasheet HTML 7Page - Texas Instruments LM3578AMX Datasheet HTML 8Page - Texas Instruments LM3578AMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
LM2578A/LM3578A Switching Regulator
Check for Samples: LM2578A, LM3578A
1
FEATURES
DESCRIPTION
The LM2578A is a switching regulator which can
2
•
Inverting and Non-Inverting Feedback Inputs
easily
be
set
up
for
such
DC-to-DC
voltage
•
1.0V Reference at Inputs
conversion circuits as the buck, boost, and inverting
•
Operates from Supply Voltages of 2V to 40V
configurations. The LM2578A features a unique
comparator input stage which not only has separate
•
Output Current up to 750 mA, Saturation Less
pins for both the inverting and non-inverting inputs,
than 0.9V
but also provides an internal 1.0V reference to each
•
Current Limit and Thermal Shut Down
input, thereby simplifying circuit design and p.c. board
•
Duty Cycle up to 90%
layout. The output can switch up to 750 mA and has
output pins for its collector and emitter to promote
design flexibility. An external current limit terminal
APPLICATIONS
may be referenced to either the ground or the Vin
•
Switching Regulators in Buck, Boost,
terminal, depending upon the application. In addition,
Inverting, and Single-Ended Transformer
the LM2578A has an on board oscillator, which sets
Configurations
the
switching
frequency
with
a
single
external
capacitor from <1 Hz to 100 kHz (typical).
•
Motor Speed Control
•
Lamp Flasher
The LM2578A is an improved version of the LM2578,
offering higher maximum ratings for the total supply
voltage and output transistor emitter and collector
voltages.
Connection Diagram
Figure 1. PDIP/SOIC Package
See Package Number D0008A or P0008E
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3578AMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3578AMX TI-LM3578AMX Datasheet
1Mb / 30P
LM2578A/LM3578A Switching Regulator
LM3578AMX/NOPB TI2-LM3578AMX/NOPB Datasheet
1Mb / 33P
LM2578A/LM3578A Switching Regulator
REVISED APRIL 2013
LM3578AMX/NOPB.B TI2-LM3578AMX/NOPB.B Datasheet
1Mb / 33P
LM2578A/LM3578A Switching Regulator
REVISED APRIL 2013
More results

Similar Description - LM3578AMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
SWITCHING REGULATOR
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
Switching Regulator
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
Switching Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
17-Jan-2006
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
Switching Regulator
January, 2001 ??Rev. 9
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
Switching Regulator
May,2013
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com