Electronic Components Datasheet Search
  English  ▼

X  

LM3561 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3561
Description  Synchronous Boost Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3561 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3561 Datasheet HTML 9Page - Texas Instruments LM3561 Datasheet HTML 10Page - Texas Instruments LM3561 Datasheet HTML 11Page - Texas Instruments LM3561 Datasheet HTML 12Page - Texas Instruments LM3561 Datasheet HTML 13Page - Texas Instruments LM3561 Datasheet HTML 14Page - Texas Instruments LM3561 Datasheet HTML 15Page - Texas Instruments LM3561 Datasheet HTML 16Page - Texas Instruments LM3561 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
LM3561
www.ti.com
SNOSB44C – MARCH 2011 – REVISED MAY 2013
CURRENT LIMIT
The LM3561 features 2 selectable current limits — 1A and 1.5A. These are selectable through the I2C-
compatible interface via bit [5] of the Flash Duration Register. When the current limit is reached the LM3561
stops switching for the remainder of the switching cycle.
Since the current limit is sensed in the NMOS switch there is no mechanism to limit the current when the device
operates in Pass Mode. In situations where there could potentially be large load currents at OUT, and the
LM3561 is operating in Pass mode, the load current must be limited to 1.5A. In Boost mode or Pass mode if
VOUT falls below approximately 2.3V the part stops switching and the PFET operates as a current source limiting
the current to typically 200mA. This prevents damage to the LM3561 and excessive current draw from the battery
during output short circuit conditions.
THERMAL SHUTDOWN
The LM3561 features a thermal shutdown threshold of typically +150°C. When the die temperature reaches
+150°C, the active current source (LED) will shutdown, and the TSD flag in the Flags register is written high. The
device cannot be started up again until the Flags register is read back. Once the Flags register is read back the
current source can be re-enabled into Torch, or Flash Mode. The thermal shutdown (TSD) circuitry has an
internal 250µs de-glitch timer which helps prevent unwanted noise from falsely triggering a TSD event. However,
when the LM3561 is in boost mode at higher flash currents, the de-glitch timer can get reset by the high currents
in the LM3561's GND. As a result the thermal shutdown's internal de-glitch timer can get reset before the TSD
event can get latched in. This causes a TSD event to not get triggered until the LM3561's flash pulse reaches the
end of the flash duration, when the noisy currents have dropped to a lower level. However, once the noise is
lower and a TSD event is triggered, the next flash pulse is not allowed until the flags register is read back. In
pass mode the boost switcher is off and the lower noise environment allows the devices TSD circuitry to
shutdown immediately when the die temperature reaches +150°C.
FLASH MODE
In Flash mode the LED current source (LED) provides 16 different current levels from typically 36mA to 600mA.
The Flash currents are set by writing to bits [3:0] of the Flash Brightness Resister. Flash mode is activated by
either writing a (1, 1) to bits [1:0] of the Enable Register, or by pulling the STROBE pin high. Once the Flash
sequence is activated the current source (LED) will ramp up to the programmed Flash current by stepping
through all Torch and Flash levels (32µs/step) until the programmed current is reached.
FLASH TERMINATION
Bit [2] of the Enable Register determines how the Flash pulse terminates. With this bit = '1' the Flash current
pulse will only terminate by reaching the end of the Flash timeout period (see Figure 29). With STR = '0', Flash
mode can be terminated by pulling STROBE low, programming bits [1:0] of the Enable Register with (0,0), or by
allowing the Flash timeout period to elapse (see Figure 28). If STR = '0' and STROBE is toggled before the end
of the Flash timeout period, the timeout period resets on the rising edge of STROBE. See LM3561 Timing
Diagrams regarding the Flash pulse termination for the different STR bit settings.
After the Flash pulse terminates, either by a flash timeout, pulling STROBE low, or disabling it via the I2C-
compatible interface, the current source (LED) turns completely off. This happens even when Torch is enabled
via the I2C-compatible interface and the Flash pulse is turned on by toggling STROBE. After a Flash event ends
(bits [1:0] of the Enable Register are automatically re-written with (0, 0).
FLASH TIMEOUT
The Flash timeout period sets the maximum duration of the flash current pulse. Bits [4:0] of the Flash Duration
Register programs the 32 different Flash timeout levels in steps of 32ms, giving a Flash timeout range of 32ms to
1024ms (see Table 10).
TORCH MODE
In Torch mode the current source (LED) provides 8 different current levels (see Table 8). The Torch currents are
adjusted by writing to bits [2:0] of the Torch Brightness Register. Torch mode is activated by setting Enable
Register bits [1:0] to (1, 0). Once the Torch mode is enabled the current sources will ramp up to the programmed
Torch current level by stepping through all of the Torch currents at (32µs/step) until the programmed Torch
current level is reached.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com