Electronic Components Datasheet Search
  English  ▼

X  

PSH Datasheet(PDF) 5 Page - DDK Ltd.

Part # PSH
Description  Compact Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH Datasheet(HTML) 5 Page - DDK Ltd.

  PSH Datasheet HTML 1Page - DDK Ltd. PSH Datasheet HTML 2Page - DDK Ltd. PSH Datasheet HTML 3Page - DDK Ltd. PSH Datasheet HTML 4Page - DDK Ltd. PSH Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PSH Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Unit:mm
○ Instruction Manual
↑2N (Max.)
→4N (Max.)
↓2N (Max.)
⇒
新
Pull-off Tool
① Insert
② Pull off vertically
↑2N (Max.)
→4N (Max.)
↓2N (Max.)
⇒
新
Pull-off Tool
① Insert
② Pull off vertically
When mating the connector, please insert the connector along the center conductor.
When unmating the connector, please pull off vertically by using below tool
(No.357J-K8024-01).
  Excessive torsional mating causes to be broken.
・Allowable cable load at mating
 Do not add the load more than right figure.
○ Reflow Temperature Profile
↑2N(Max.)
→4N(Max.)
↓2N(Max.)
Pull-off Tool
⇒ ①Insert
②Pull off vertically
50
100
150
200
230
260
Pre-heating
150~200℃
60~120sec
230℃ max.
30~35sec
MAX:260℃
Time[sec]
※ Above reflow temperature plofile can be fluctuated by sort of the solder paste. Please test the
soldering temperature beforehand.
※ The temperature is measured at the terminal area.
※ Reflow cycle is up to twice.
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com