Electronic Components Datasheet Search
  English  ▼

X  

PSH Datasheet(PDF) 1 Page - DDK Ltd.

Part # PSH
Description  Compact Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH Datasheet(HTML) 1 Page - DDK Ltd.

  PSH Datasheet HTML 1Page - DDK Ltd. PSH Datasheet HTML 2Page - DDK Ltd. PSH Datasheet HTML 3Page - DDK Ltd. PSH Datasheet HTML 4Page - DDK Ltd. PSH Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
PSH Series
Compact Coaxial Connector
141028
SPECIFICATIONS
APPLICATIONS
・Wireless LAN, Portable PC, Mobile Phone, Measurement Equipments, Bluetooth.
1.5
1.4
1.3
1.2
1.1
1.0 0    1     2    3    4     5    6
PSH-LP-OD1.13-CR3(L=250mm, both ended harness)
DC to 6 GHz VSWR
Frequency〔GHz〕
1.5
1.4
1.3
1.2
1.1
1.0 0    1     2    3    4     5    6
PSH-LP-OD0.81-CR3(L=250mm, both ended harness)
DC to 6 GHz VSWR
Frequency〔GHz〕
嵌合高さ
レセプタクル
プラグ
PSH-LP-OD0.81-CR3
PSH-LP-OD1.13-CR3
PSH-LP-OD1.32-CR3
PSH-LP-OD1.37-CR3
PSH-LP-OD1.32-CR3
PSH-LP-OD1.37-CR3
Receptacle
Plug
Receptacle
Plug
Mating Height
Frequency
Range
DC to 6GHz
50 Ω
Characteristic
Impedance
DDK’s PSH compact miniature coaxial connector provides the
optimal balance of performance and size. This surface mounted
(SMT) RF connector with VSWR performance of 1.3 at DC to 3GHz
and VSWR of 1.5 at 3 GHz to 6 GHz and a stacking height of 2.0mm
or 2.5mm. This low cost connector is suitable for wireless LAN
applications based upon IEEE 802-11a.
OUTLINE
・Applicable frequency ranges DC to 3GHz or 3GHz to 6GHz
・Applicable 50 ohm coaxial cable sizes are φ 0.81mm φ 1.13mm φ 1.32mm and φ 1.37mm
・Compact and low profile mated height of 2.0mm or 2.5mm
・30 mate/demate cycles
・Custom cable lengths available
・Applicable for IEEE 802.11a applications
・Tape and reel package
・RoHs Compliant
FEATURE
Characteristic Impedance
50 Ω
Rated Volatge
60VAC(r.m.s.)
Dielectric Withstanding Voltage 200V AC(r.m.s.) / 1 minute
Insulation Resistance
500M Ω Mim. at 100V DC
Contact Resistance
Contact : 20m Ω max.
Outer conductor : 10m Ω max.
V.S.W.R.
1.3 max. at DC to 3GHz
1.5 max. at 3 to 6GHz
Operating Temperature
-40 〜 +85℃
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
0   1    2   3   4  
5    6
1.5
1.4
1.3
1.2
1.1
1.0
PSH-LP-OD1.32-CR3(L=250mm, both ended harness)
DC to 6 GHz VSWR
0    1    2    3    4  
5     6
1.5
1.4
1.3
1.2
1.1
1.0
PSH-LP-OD1.37-CR(L=250mm, both ended harness)
DC to 6 GHz VSWR
Frequency〔GHz〕
Frequency〔GHz〕
0   1    2   3   4  
5    6
1.5
1.4
1.3
1.2
1.1
1.0
PSH-LP-OD1.32-CR3(L=250mm, both ended harness)
DC to 6 GHz VSWR
0    1    2    3    4  
5     6
1.5
1.4
1.3
1.2
1.1
1.0
PSH-LP-OD1.37-CR(L=250mm, both ended harness)
DC to 6 GHz VSWR
Frequency〔GHz〕
Frequency〔GHz〕


Similar Part No. - PSH

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
Split Bobbin Power Transformer
PSH-06-20 WABASH-PSH-06-20 Datasheet
680Kb / 2P
Split Bobbin Power Transformer
More results

Similar Description - PSH

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
Compact Bayonet Lock Coaxial Connector
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
PSH2 DDK-PSH2 Datasheet
577Kb / 5P
Compact Coaxial Connector
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
Fine-wire Coaxial Connector For Compact Mobile Devices
logo
DDK Ltd.
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
Compact Bayonet Lock Coaxial Connector
PMP-SP-1D-CR3 DDK-PMP-SP-1D-CR3 Datasheet
712Kb / 3P
Automotive Coaxial Connector
PSH2-SR-PS-1000 DDK-PSH2-SR-PS-1000 Datasheet
577Kb / 5P
Compact Coaxial Connector
logo
Huber+Suhner, Inc.
11_716-50-7-3003_- HUBERSUHNER-11_716-50-7-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_716-50-9-3003_- HUBERSUHNER-11_716-50-9-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_BNC-50-3-5133_N HUBERSUHNER-11_BNC-50-3-5133_N Datasheet
799Kb / 1P
Coaxial Cable Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com