Electronic Components Datasheet Search
  English  ▼

X  

PSH2 Datasheet(PDF) 4 Page - DDK Ltd.

Part # PSH2
Description  Compact Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH2 Datasheet(HTML) 4 Page - DDK Ltd.

  PSH2 Datasheet HTML 1Page - DDK Ltd. PSH2 Datasheet HTML 2Page - DDK Ltd. PSH2 Datasheet HTML 3Page - DDK Ltd. PSH2 Datasheet HTML 4Page - DDK Ltd. PSH2 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSH2 Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Unit:mm
Cable Length:L
Tolerance
25≦L≦200
±3
200 < L ≦ 500
±5
500 < L ≦ 1000
±10
1000 < L
±1.5%
○ Cable Assembly
80-076-0009-XXXX-X-X
Cable Color(FEP)
Length:mm(4 fig.)
1:Black,
3:Gray,
Connectors Angle(Refer to Table 1)
4
Table 1. Connector Angle
Table 2. Cable Length
200mm : 0200
Basic No.
ケーブル長さ:L 標準公差
25≦L≦200
±3
200<L≦500
±5
500<L≦1000
±10
1000<L
±1.5%
80-076-0009-XXXX-X-X
基本図番
指定事項
ケーブル外被色(FEP)
1:黒色、2:白色
3:灰色、4:青色
5:赤色
コネクタ角度(表1参照)
長さ指定:mm(4桁)
表2.ケーブル長公差表
Connector Angle 3
Connector Angle 4
表1.コネクタ角度表
L
例)200mmの場合は
  0200と表記します
※黒色、灰色が標準です
Connector Angle 1
Connector Angle 2
ケーブル長さ:L 標準公差
25≦L≦200
±3
200<L≦500
±5
500<L≦1000
±10
1000<L
±1.5%
80-076-0009-XXXX-X-X
基本図番
指定事項
ケーブル外被色(FEP)
1:黒色、2:白色
3:灰色、4:青色
5:赤色
コネクタ角度(表1参照)
長さ指定:mm(4桁)
表2.ケーブル長公差表
Connector Angle 3
Connector Angle 4
表1.コネクタ角度表
L
例)200mmの場合は
  0200と表記します
※黒色、灰色が標準です
Connector Angle 1
Connector Angle 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com