Electronic Components Datasheet Search
  English  ▼

X  

PSH2 Datasheet(PDF) 1 Page - DDK Ltd.

Part # PSH2
Description  Compact Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSH2 Datasheet(HTML) 1 Page - DDK Ltd.

  PSH2 Datasheet HTML 1Page - DDK Ltd. PSH2 Datasheet HTML 2Page - DDK Ltd. PSH2 Datasheet HTML 3Page - DDK Ltd. PSH2 Datasheet HTML 4Page - DDK Ltd. PSH2 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
PSH2 Series
Compact Coaxial Connector
141028
SPECIFICATIONS
APPLICATIONS
・Wireless LAN, Portable PC, Mobile Phone, Measurement Equipments, Bluetooth.
(4.6)
(3.8)
PSH2-LP-OD0.81-CR3
Receptacle
Plug
PSH Series
Receptacle
Plug
PSH2 Series
PSH2 Series
Mating Height
Frequency
Range
DC to 6GHz
50 Ω
Characteristic
Impedance
DDK’s PSH2 ultra-compact miniature coaxial connector provides the
optimal balance of performance and size. This surface mounted
(SMT) RF connector with VSWR performance of 1.3 at DC to 3GHz
and VSWR of 1.5 at 3 GHz to 6 GHz and a stacking height of 1.5mm.
This low cost connector is suitable for wireless LAN applications
based upon IEEE 802-11a.
OUTLINE
・Applicable frequency ranges DC to 3GHz or 3GHz to 6GHz
・Utilizes 50 ohm coaxial cable size of φ 0.81mm
・Compact and uktra-low profile mated height of 1.5mm
・30 mate/demate cycles
・Custom cable lengths available
・Applicable for IEEE 802.11a applications
・Tape and reel package for automated mounting machine
・RoHs Compliant
FEATURE
Characteristic Impedance
50 Ω
Rated Voltage
60VAC(r.m.s.)
Dielectric Withstanding Voltage
200V AC(r.m.s.) / 1 minute
Insulation Resistance
500M Ω Mim. at 100V DC
Contact Resistance
Contact : 20m Ω max.
Outer conductor : 10m Ω max.
V.S.W.R.
1.3 max. at DC to 3GHz
1.5 max. at 3 to 6GHz
Operating Temperature
−40 to +85℃
* The specifications are typical but may not apply to all connectors. Please check
the specifications on each item with its drawing from us when you use.
0   1   2   3   4   5   6
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
Frequency (GHz)
PSH2-LP-OD0.81-CR3(L=200mm,both ended hemess)
DC to 6GHz VSWR
DDK Ltd.


Similar Part No. - PSH2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH2-LP-OD0.81-CR3 DDK-PSH2-LP-OD0.81-CR3 Datasheet
577Kb / 5P
Compact Coaxial Connector
PSH2-SR-PS-1000 DDK-PSH2-SR-PS-1000 Datasheet
577Kb / 5P
Compact Coaxial Connector
PSH2-SR-PS-5000 DDK-PSH2-SR-PS-5000 Datasheet
577Kb / 5P
Compact Coaxial Connector
More results

Similar Description - PSH2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
Compact Bayonet Lock Coaxial Connector
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
PSH DDK-PSH Datasheet
838Kb / 5P
Compact Coaxial Connector
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
Fine-wire Coaxial Connector For Compact Mobile Devices
logo
DDK Ltd.
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
Compact Bayonet Lock Coaxial Connector
PMP-SP-1D-CR3 DDK-PMP-SP-1D-CR3 Datasheet
712Kb / 3P
Automotive Coaxial Connector
PSH2-SR-PS-1000 DDK-PSH2-SR-PS-1000 Datasheet
577Kb / 5P
Compact Coaxial Connector
logo
Huber+Suhner, Inc.
11_716-50-7-3003_- HUBERSUHNER-11_716-50-7-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_716-50-9-3003_- HUBERSUHNER-11_716-50-9-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_BNC-50-3-5133_N HUBERSUHNER-11_BNC-50-3-5133_N Datasheet
799Kb / 1P
Coaxial Cable Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com