Electronic Components Datasheet Search
  English  ▼

X  

PCF8574ADWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574ADWR
Description  REMOTE 8BIT I/O EXPANDER FOR I2C BUS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574ADWR Datasheet(HTML) 5 Page - Texas Instruments

  PCF8574ADWR Datasheet HTML 1Page - Texas Instruments PCF8574ADWR Datasheet HTML 2Page - Texas Instruments PCF8574ADWR Datasheet HTML 3Page - Texas Instruments PCF8574ADWR Datasheet HTML 4Page - Texas Instruments PCF8574ADWR Datasheet HTML 5Page - Texas Instruments PCF8574ADWR Datasheet HTML 6Page - Texas Instruments PCF8574ADWR Datasheet HTML 7Page - Texas Instruments PCF8574ADWR Datasheet HTML 8Page - Texas Instruments PCF8574ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PCF8574
REMOTE 8BIT I/O EXPANDER FOR I2C BUS
SCPS068C - JULY 2001 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
VIK
Input diode clamp voltage
II = −18 mA
2.5 V to 6 V
−1.2
V
VPOR
Power-on reset voltage‡
VI = VCC or GND, IO = 0
6 V
1.3
2.4
V
IOH
P port
VO = GND
2.5 V to 6 V
30
300
µA
IOHT
P-port transient pullup current
High during acknowledge VOH = GND
2.5 V
−1
mA
SDA
VO = 0.4 V
2.5 V to 6 V
3
IOL
P port
VO = 1 V
5 V
10
25
mA
IOL
INT
VO = 0.4 V
2.5 V to 6 V
1.6
mA
SCL, SDA
±5
II
INT
VI = VCC or GND
2.5 V to 6 V
±5
µA
II
A0, A1, A2
VI = VCC or GND
2.5 V to 6 V
±5
µA
IIHL
P port
VI ≥ VCC or VI ≤ GND
2.5 V to 6 V
±400
µA
ICC
Operating mode
VI = VCC or GND, IO = 0, fSCL = 100 kHz
6 V
40
100
A
ICC
Standby mode
VI = VCC or GND, IO = 0
6 V
2.5
10
µA
Ci
SCL
VI = VCC or GND
2.5 V to 6 V
1.5
7
pF
Cio
SDA
VIO = VCC or GND
2.5 V to 6 V
3
7
pF
Cio
P port
VIO = VCC or GND
2.5 V to 6 V
4
10
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The power-on reset circuit resets the I2C-bus logic with VCC < VPOR and sets all I/Os to logic high (with current source to VCC).
I2C interface timing requirements over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
MIN
MAX
UNIT
fscl
I2C clock frequency
100
kHz
tsch
I2C clock high time
4
µs
tscl
I2C clock low time
4.7
µs
tsp
I2C spike time
100
ns
tsds
I2C serial data setup time
250
ns
tsdh
I2C serial data hold time
0
900
ns
ticr
I2C input rise time
1
µs
ticf
I2C input fall time
0.3
µs
tocf
I2C output fall time (10-pF to 400-pF bus)
300
ns
tbuf
I2C-bus free time between stop and start
4.7
µs
tsts
I2C start or repeated start condition setup
4.7
µs
tsth
I2C start or repeated start condition hold
4
µs
tsps
I2C stop-condition setup
4
µs
tvd
Valid data time
SCL low to SDA output valid
3.4
µs
Cb
I2C-bus capacitive load
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com