Electronic Components Datasheet Search
  English  ▼

X  

PCF8574ADWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574ADWR
Description  REMOTE 8BIT I/O EXPANDER FOR I2C BUS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574ADWR Datasheet(HTML) 1 Page - Texas Instruments

  PCF8574ADWR Datasheet HTML 1Page - Texas Instruments PCF8574ADWR Datasheet HTML 2Page - Texas Instruments PCF8574ADWR Datasheet HTML 3Page - Texas Instruments PCF8574ADWR Datasheet HTML 4Page - Texas Instruments PCF8574ADWR Datasheet HTML 5Page - Texas Instruments PCF8574ADWR Datasheet HTML 6Page - Texas Instruments PCF8574ADWR Datasheet HTML 7Page - Texas Instruments PCF8574ADWR Datasheet HTML 8Page - Texas Instruments PCF8574ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PCF8574
REMOTE 8BIT I/O EXPANDER FOR I2C BUS
SCPS068C - JULY 2001 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Standby-Current Consumption of
10
µA Maximum
D I2C to Parallel-Port Expander
D Open-Drain Interrupt Output
D Compatible With Most Microcontrollers
D Latched Outputs With High-Current Drive
Capability for Directly Driving LEDs
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
INT
SCL
NC
SDA
VCC
A0
A1
NC
A2
P0
P7
P6
NC
P5
P4
GND
P3
NC
P2
P1
DGV OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
P6
NC
P5
P4
GND
P3
NC
P2
SCL
NC
SDA
VCC
A0
A1
NC
A2
NC − No internal connection
description/ordering information
This 8-bit input/output (I/O) expander for the two-line bidirectional bus (I2C) is designed for 2.5-V to 6-V VCC
operation.
The PCF8574 provides general-purpose remote I/O expansion for most microcontroller families via the I2C
interface [serial clock (SCL), serial data (SDA)].
The device features an 8-bit quasi-bidirectional I/O port (P0−P7), including latched outputs with high-current
drive capability for directly driving LEDs. Each quasi-bidirectional I/O can be used as an input or output without
the use of a data-direction control signal. At power on, the I/Os are high. In this mode, only a current source to
VCC is active. An additional strong pullup to VCC allows fast rising edges into heavily loaded outputs. This device
turns on when an output is written high and is switched off by the negative edge of SCL. The I/Os should be
high before being used as inputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
PCF8574RGYR
PF574
PDIP − N
Tube
PCF8574N
PCF8574N
−40
°C to 85°C
SOIC − DW
Tube
PCF8574DW
PCF8574
−40
°C to 85°C
SOIC − DW
Tape and reel
PCF8574DWR
PCF8574
TSSOP − PW
Tape and reel
PCF8574PWR
PF574
TVSOP − DGV
Tape and reel
PCF8574DGVR
PF574
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - PCF8574ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574ADWR TI-PCF8574ADWR Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574ADWR TI-PCF8574ADWR Datasheet
683Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574ADWR TI1-PCF8574ADWR Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
PCF8574ADWR TI2-PCF8574ADWR Datasheet
2Mb / 39P
PCF8574A Remote 8-Bit I/O Expander for I2C Bus
REVISED SEPTEMBER 2024
PCF8574ADWR.A TI2-PCF8574ADWR.A Datasheet
2Mb / 39P
PCF8574A Remote 8-Bit I/O Expander for I2C Bus
REVISED SEPTEMBER 2024
More results

Similar Description - PCF8574ADWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com