Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041 Datasheet(HTML) 2 Page - Texas Instruments

  LM4041 Datasheet HTML 1Page - Texas Instruments LM4041 Datasheet HTML 2Page - Texas Instruments LM4041 Datasheet HTML 3Page - Texas Instruments LM4041 Datasheet HTML 4Page - Texas Instruments LM4041 Datasheet HTML 5Page - Texas Instruments LM4041 Datasheet HTML 6Page - Texas Instruments LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
Packaged in space-saving SC-70 and SOT-23-3 and requiring a minimum current of 45
µA (typ), the LM4041
also is ideal for portable applications. The TO-92 package also is available for through-hole packaging needs.
The LM4041xI is characterized for operation over an ambient temperature range of –40
°C to 85°C. The
LM4041xQ is characterized for operation over an ambient temperature range of –40
°C to 125°C.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
DEVICE GRADE
VZ
PACKAGE(1)
PART NUMBER
MARKING(2)
A grade:
SC-70 (DCK)
Reel of 3000
LM4041A12IDCKR
MK_
0.1% initial
Reel of 3000
LM4041A12IDBZR
accuracy
SOT-23-3 (DBZ)
4MK_
Reel of 250
LM4041A12IDBZT
and
1.2 V
100 ppm/
°C
Bulk of 1000
LM4041A12ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041A12ILPR
coefficient
Reel of 3000
LM4041BIDCKR
SC-70 (DCK)
MG_
Reel of 250
LM4041BIDCKT
Reel of 3000
LM4041BIDBZR
ADJ
SOT-23-3 (DBZ)
4MG_
B grade:
Reel of 250
LM4041BIDBZT
0.2% initial
Bulk of 1000
LM4041BILP
accuracy
TO-92/TO-226 (LP)
PREVIEW
and
Reel of 2000
LM4041BILPR
100 ppm/
°C
SC-70 (DCK)
Reel of 3000
LM4041B12IDCKR
ML_
temperature
Reel of 3000
LM4041B12IDBZR
coefficient
SOT-23-3 (DBZ)
4ML_
1.2 V
Reel of 250
LM4041B12IDBZT
Bulk of 1000
LM4041B12ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041B12ILPR
Reel of 3000
LM4041CIDCKR
SC-70 (DCK)
MH_
Reel of 250
LM4041CIDCKT
Reel of 3000
LM4041CIDBZR
–40
°C to 85°C
ADJ
SOT-23-3 (DBZ)
4MH_
C grade:
Reel of 250
LM4041CIDBZT
0.5% initial
Bulk of 1000
LM4041CILP
accuracy
TO-92/TO-226 (LP)
PREVIEW
and
Reel of 2000
LM4041CILPR
100 ppm/
°C
SC-70 (DCK)
Reel of 3000
LM4041C12IDCKR
MM_
temperature
Reel of 3000
LM4041C12IDBZR
coefficient
SOT-23-3 (DBZ)
4MM_
1.2 V
Reel of 250
LM4041C12IDBZT
Bulk of 1000
LM4041C12ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041C12ILPR
Reel of 3000
LM4041DIDCKR
SC-70 (DCK)
MJ_
Reel of 250
LM4041DIDCKT
Reel of 3000
LM4041DIDBZR
ADJ
SOT-23-3 (DBZ)
4MJ_
D grade:
Reel of 250
LM4041DIDBZT
1.0% initial
Bulk of 1000
LM4041DILP
accuracy
TO-92/TO-226 (LP)
PREVIEW
and
Reel of 2000
LM4041DILPR
150 ppm/
°C
SC-70 (DCK)
Reel of 3000
LM4041D12IDCKR
MN_
temperature
Reel of 3000
LM4041D12IDBZR
coefficient
SOT-23-3 (DBZ)
4MN_
1.2 V
Reel of 250
LM4041D12IDBZT
Bulk of 1000
LM4041D12ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041D12ILPR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com