Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4041 Datasheet HTML 9Page - Texas Instruments LM4041 Datasheet HTML 10Page - Texas Instruments LM4041 Datasheet HTML 11Page - Texas Instruments LM4041 Datasheet HTML 12Page - Texas Instruments LM4041 Datasheet HTML 13Page - Texas Instruments LM4041 Datasheet HTML 14Page - Texas Instruments LM4041 Datasheet HTML 15Page - Texas Instruments LM4041 Datasheet HTML 16Page - Texas Instruments LM4041 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
Reverse (Output) Voltage (V)
FB Steps (V)
(see Figure 12)
LM4041 (Adj)
IZ = 1 mA
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
0
10
20
30
40
50
60
70
80
90
100
Reverse (Output) Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
LM4041 (Adj)
VZ = 1.23 V (nominal)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current (mA)
LM4041 (Adj)
VAdj = VREF + 5 mV
11
−405C
255C
855C
1255C
12
1
0
2
3
4
5
6
7
8
9
10
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
Figure 9. Reverse Characteristics
Figure 10. Reverse Characteristics and Minumum
<br/>
Operating Current
Figure 11. Output Saturation vs Output Current
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com