Electronic Components Datasheet Search
  English  ▼

X  

LM4879 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4879
Description  1.1 Watt Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4879 Datasheet HTML 17Page - Texas Instruments LM4879 Datasheet HTML 18Page - Texas Instruments LM4879 Datasheet HTML 19Page - Texas Instruments LM4879 Datasheet HTML 20Page - Texas Instruments LM4879 Datasheet HTML 21Page - Texas Instruments LM4879 Datasheet HTML 22Page - Texas Instruments LM4879 Datasheet HTML 23Page - Texas Instruments LM4879 Datasheet HTML 24Page - Texas Instruments LM4879 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM4879, LM4879MMBD, LM4879SDBD
www.ti.com
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
Figure 47. Bottom Layer
Table 1. Mono LM4879 Reference Design Boards Bill of Material for all 3 Demo Boards
Item
Part Number
Part Description
Qty
Ref Designator
1
551011208-001
LM4879 Mono Reference Design Board
1
10
482911183-001
LM4879 Audio AMP
1
U1
20
151911207-001
Tant Cap 1uF 16V 10
1
C1
21
151911207-002
Cer Cap 0.39uF 50V Z5U 20% 1210
1
C2
25
152911207-001
Tant Cap 1.0uF 16V 10
1
C3
30
472911207-001
Res 20K Ohm 1/10W 5
3
R1, R2, R3
35
210007039-002
Jumper Header Vertical Mount 2X1 0.100
2
J1, J2
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4879 LM4879MMBD LM4879SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com