Electronic Components Datasheet Search
  English  ▼

X  

LM4879 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4879
Description  1.1 Watt Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4879 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4879 Datasheet HTML 9Page - Texas Instruments LM4879 Datasheet HTML 10Page - Texas Instruments LM4879 Datasheet HTML 11Page - Texas Instruments LM4879 Datasheet HTML 12Page - Texas Instruments LM4879 Datasheet HTML 13Page - Texas Instruments LM4879 Datasheet HTML 14Page - Texas Instruments LM4879 Datasheet HTML 15Page - Texas Instruments LM4879 Datasheet HTML 16Page - Texas Instruments LM4879 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LM4879, LM4879MMBD, LM4879SDBD
www.ti.com
SNAS142G – SEPTEMBER 2001 – REVISED MAY 2013
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the LM4879 contains a shutdown pin to externally turn off
the amplifier's bias circuitry. This shutdown feature turns the amplifier off when a logic low is placed on the
shutdown pin. By switching the shutdown pin to ground, the LM4879 supply current draw will be minimized in idle
mode. While the device will be disabled with shutdown pin voltages less than 0.4VDC, the idle current may be
greater than the typical value of 0.1µA. (Idle current is measured with the shutdown pin tied to ground).
In many applications, a microcontroller or microprocessor output is used to control the shutdown circuitry to
provide a quick, smooth transition into shutdown. Another solution is to use a single-pole, single-throw switch in
conjunction with an external pull-up resistor. When the switch is closed, the shutdown pin is connected to ground
which disables the amplifier. If the switch is open, then the external pull-up resistor to VDD will enable the
LM4879. This scheme ensures that the shutdown pin will not float thus preventing unwanted state changes.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications using integrated power amplifiers is critical to optimize
device and system performance. While the LM4879 is tolerant of external component combinations,
consideration to component values must be used to maximize overall system quality.
The LM4879 is unity-gain stable which gives the designer maximum system flexibility. The LM4879 should be
used in low gain configurations to minimize THD+N values, and maximize the signal to noise ratio. Low gain
configurations require large input signals to obtain a given output power. Input signals equal to or greater than 1
Vrms are available from sources such as audio codecs. Please refer to the section, AUDIO POWER AMPLIFIER
DESIGN, for a more complete explanation of proper gain selection.
Besides gain, one of the major considerations is the closed-loop bandwidth of the amplifier. To a large extent, the
bandwidth is dictated by the choice of external components shown in Figure 1. The input coupling capacitor, Ci,
forms a first order high pass filter which limits low frequency response. This value should be chosen based on
needed frequency response for a few distinct reasons.
SELECTION OF INPUT CAPACITOR SIZE
Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized
capacitor is needed to couple in low frequencies without severe attenuation. But in many cases the speakers
used in portable systems, whether internal or external, have little ability to reproduce signals below 100 Hz to
150 Hz. Thus, using a large input capacitor may not increase actual system performance.
In addition to system cost and size, click and pop performance is effected by the size of the input coupling
capacitor, Ci. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (nominally
1/2 VDD). This charge comes from the output via the feedback and is apt to create pops upon device enable.
Thus, by minimizing the capacitor size based on necessary low frequency response, turn-on pops can be
minimized.
Besides minimizing the input capacitor size, careful consideration should be paid to the bypass capacitor value.
Bypass capacitor, CB, is the most critical component to minimize turn-on pops since it determines how fast the
LM4879 turns on. The slower the LM4879's outputs ramp to their quiescent DC voltage (nominally 1/2 VDD), the
smaller the turn-on pop. Choosing CB equal to 1.0 µF along with a small value of Ci (in the range of 0.1 µF to
0.39 µF), should produce a virtually clickless and popless shutdown function. While the device will function
properly, (no oscillations or motorboating), with CB equal to 0.1 µF, the device will be much more susceptible to
turn-on clicks and pops. Thus, a value of CB equal to 1.0 µF is recommended in all but the most cost sensitive
designs.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4879 LM4879MMBD LM4879SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com