Electronic Components Datasheet Search
  English  ▼

X  

LM48413 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48413
Description  Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 Datasheet(HTML) 3 Page - Texas Instruments

  LM48413 Datasheet HTML 1Page - Texas Instruments LM48413 Datasheet HTML 2Page - Texas Instruments LM48413 Datasheet HTML 3Page - Texas Instruments LM48413 Datasheet HTML 4Page - Texas Instruments LM48413 Datasheet HTML 5Page - Texas Instruments LM48413 Datasheet HTML 6Page - Texas Instruments LM48413 Datasheet HTML 7Page - Texas Instruments LM48413 Datasheet HTML 8Page - Texas Instruments LM48413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM48413
www.ti.com
SNAS460B – NOVEMBER 2008 – REVISED MARCH 2013
Connection Diagram
Figure 3. 18 bump DSBGA package
Top View
See Package Number YZR0018
BUMP DESCRIPTIONS
Bump
Name
Description
A1
INL-
Left Channel Inverting Input
A3
3DEN
3D Enable Input
A5
OUTLA
Left Channel Non-Inverting Output
A7
OUTLB
Left Channel Inverting Output
B2
INL+
Left Channel Non-Inverting Input
B4
3DL-
Left Channel inverting 3D connection. Connect to 3DR- through C3D-and R3D-
B6
GND
Ground
C1
3DL+
Left Channel non-inverting 3D connection. Connect to 3DR+ through C3D+ and R3D+
C3
3DR+
Right Channel non-inverting 3D connection. Connect to 3DL+ through C3D+ and R3D+
C5
VDD
Power Supply. Connect to PVDD supplying same voltage.
C7
PGND
Power Ground
D2
INR+
Right Channel Non-inverting Input
D4
3DR-
Right Channel inverting 3D connection. Connect to 3DL- through C3D-and R3D-
D6
PVDD
Amplifier Power Supply
E1
INR-
Right Channel Inverting Input
E3
SD
Connect to GND for disabling the device. Connect to VDD for normal operation.
E5
OUTRA
Right Channel Non-inverting Output
E7
OUTRB
Right Channel Inverting Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com