Electronic Components Datasheet Search
  English  ▼

X  

LM48413 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM48413
Description  Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48413 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48413 Datasheet HTML 8Page - Texas Instruments LM48413 Datasheet HTML 9Page - Texas Instruments LM48413 Datasheet HTML 10Page - Texas Instruments LM48413 Datasheet HTML 11Page - Texas Instruments LM48413 Datasheet HTML 12Page - Texas Instruments LM48413 Datasheet HTML 13Page - Texas Instruments LM48413 Datasheet HTML 14Page - Texas Instruments LM48413 Datasheet HTML 15Page - Texas Instruments LM48413 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LM48413
SNAS460B – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
PCB LAYOUT GUIDELINES
As output power increases, interconnect resistance (PCB traces and wires) between the amplifier, load and
power supply create a voltage drop. The voltage loss due to the traces between the LM48413 and the load
results in lower output power and decreased efficiency. Higher trace resistance between the supply and the
LM48413 has the same effect as a poorly regulated supply, increasing ripple on the supply line, and reducing
peak output power. The effects of residual trace resistance increases as output current increases due to higher
output power, decreased load impedance or both. To maintain the highest output voltage swing and
corresponding peak output power, the PCB traces that connect the output pins to the load and the supply pins to
the power supply should be as wide as possible to minimize trace resistance.
The use of power and ground planes will give the best THD+N performance. In addition to reducing trace
resistance, the use of power planes creates parasitic capacitors that help to filter the power supply line.
The inductive nature of the transducer load can also result in overshoot on one or both edges, clamped by the
parasitic diodes to GND and VDD in each case. From an EMI standpoint, this is an aggressive waveform that can
radiate or conduct to other components in the system and cause interference. It is essential to keep the power
and output traces short and well shielded if possible. Use of ground planes beads and micros-strip layout
techniques are all useful in preventing unwanted interference.
As the distance from the LM48413 and the speaker increases, the amount of EMI radiation increases due to the
output wires or traces acting as antennas. The EMI output spectrums of LM48413 evaluation board connected
with different speaker cable lengths to an 8
Ω load were measured (See Typical Performance Characteristics).
Lengths from 3 inches to 12 inches are shown all fall within the limit of the FCC Class B requirement.
THD+N MEASUREMENT
Class D amplifiers, by design, switch their output power devices at a much higher frequency than the accepted
audio range (20Hz – 22kHz). Alternately switching the output voltage between VDD and GND allows the LM48413
to operate at much higher efficiency. However, it also increases the out-of-band noise. Since THD+N
measurement is a bandwidth limited measurement, it can be significantly affected by out-of-band noise, resulting
in a higher than expected THD+N measurement. To achieve a more accurate measurement of THD+N, the test
equipment’s input bandwidth must be limited. The input filter limits the out-of-band noise resulting in a more
relevant THD+N value. A low-pass filter with a cut-off at 28kHz was used in addition to the internal filter of the
THD+N measurement equipment (See Figure 19).
In real applications, the output filters are not necessary since the speakers will act as low-pass filters blocking the
remaining switching noise and smoothing the output signals. Instead of connecting the LM48413's BTL outputs to
speakers during measurements, the 28kHz low-pass filter is used as shown in Figure 19. This measurement
technique also applies to measurements such as PSRR, CMRR, and output power.
Figure 19. THD+N Measurement Test Setup
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48413



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com