Electronic Components Datasheet Search
  English  ▼

X  

TLK2501 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2501 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK2501 Datasheet HTML 5Page - Texas Instruments TLK2501 Datasheet HTML 6Page - Texas Instruments TLK2501 Datasheet HTML 7Page - Texas Instruments TLK2501 Datasheet HTML 8Page - Texas Instruments TLK2501 Datasheet HTML 9Page - Texas Instruments TLK2501 Datasheet HTML 10Page - Texas Instruments TLK2501 Datasheet HTML 11Page - Texas Instruments TLK2501 Datasheet HTML 12Page - Texas Instruments TLK2501 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
high-speed data output
The high-speed data output driver consists of a current-mode logic (CML) differential pair that can be optimized
for a particular transmission line impedance and length. The line can be directly-coupled or ac-coupled. Refer
to Figure 15 and Figure 16 for termination details.
receive interface
The receiver portion of the TLK2501 accepts 8-bit/10-bit encoded differential serial data. The interpolator and
clock recovery circuit locks to the data stream and extract the bit rate clock. This recovered clock is used to
retime the input data stream. The serial data is then aligned to two separate 10-bit word boundaries, 8-bit/10-bit
decoded, and output on a 16-bit wide parallel bus synchronized to the extracted receive clock.
receive data bus
The receive bus interface drives 16-bit wide single-ended TTL parallel data at the RXD[0:15] terminals. Data
is valid on the rising edge of the RX_CLK when the RX_DV/LOS is asserted high and the RX_ER is deasserted
low. The RX_CLK is used as the recovered word clock. The data, enable, and clock signals are aligned as shown
in Figure 4. Detailed timing information can be found in the switching characteristics table.
RX_CLK
RXDn, RX_DV, RX_ER
tsu
th
Figure 4. Receive Timing Waveform
data reception latency
The serial-to-parallel data receive latency is the time from when the first bit arrives at the receiver until it is output
in the aligned parallel word with RXD0 received as first bit. The receive latency is fixed once the link is
established. However, due to silicon process variations and implementation variables such as supply voltage
and temperature, the exact delay varies slightly. The minimum receive latency (Rlatency) is 76 bit times; the
maximum is 107 bit times. Figure 5 illustrates the timing relationship between the serial receive terminals, the
recovered word clock (RX_CLK), and the receive data bus.
16-Bit Decoded Word
20-Bit Encoded Word
DINTXP,
DINTXN
RXD(0−15)
RX_CLK
td(Rx latency)
Figure 5. Receiver Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com