Electronic Components Datasheet Search
  English  ▼

X  

TLK2501 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK2501
Description  1.5 TO 2.5 GBPS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2501 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK2501 Datasheet HTML 6Page - Texas Instruments TLK2501 Datasheet HTML 7Page - Texas Instruments TLK2501 Datasheet HTML 8Page - Texas Instruments TLK2501 Datasheet HTML 9Page - Texas Instruments TLK2501 Datasheet HTML 10Page - Texas Instruments TLK2501 Datasheet HTML 11Page - Texas Instruments TLK2501 Datasheet HTML 12Page - Texas Instruments TLK2501 Datasheet HTML 13Page - Texas Instruments TLK2501 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TLK2501
1.5 TO 2.5 GBPS TRANSCEIVER
SLLS427D − AUGUST 2000 − REVISED JULY 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
serial-to-parallel
Serial data is received on the DINRXP and DINRXN terminals. The interpolator and clock recovery circuit locks
to the data stream if the clock to be recovered is within 200 PPM of the internally generated bit rate clock. The
recovered clock is used to retime the input data stream. The serial data is then clocked into the serial-to-parallel
shift registers. The 10-bit wide parallel data is then multiplexed and fed into two separate 8-bit/10-bit decoders
where the data is then synchronized to the incoming data stream word boundary by detection of the K28.5
synchronization pattern.
comma detect and 8-bit/10-bit decoding
The TLK2501 has two parallel 8-bit/10-bit decode circuits. Each 8-bit/10-bit decoder converts 10 bit encoded
data (half of the 20 bit received word) back into 8-bits. The comma detect circuit is designed to provide for byte
synchronization to an 8-bit/10-bit transmission code. When parallel data is clocked into a parallel to serial
converter, the byte boundary that was associated with the parallel data is now lost in the serialization of the data.
When the serial data is received and converted to parallel format again, a way is needed to recognize the byte
boundary. Generally this is accomplished through the use of a synchronization pattern. This is generally a
unique pattern of 1s and 0s that either cannot occur as part of valid data or is a pattern that repeats at defined
intervals. 8-bit/10-bit encoding contains a character called the comma (b0011111 or b1100000), which is used
by the comma detect circuit on the TLK2501 to align the received serial data back to its original byte boundary.
The decoder detects the K28.5 comma, generating a synchronization signal aligning the data to their 10-bit
boundaries for decoding. It then converts the data back into 8-bit data, removing the control words. The output
from the two decoders is latched into the 16-bit register synchronized to the recovered parallel data clock
(RX_CLK) and output valid on the rising edge of the RX_CLK.
It is possible for a single bit error in a data pattern to be interpreted as a comma on an erroneous boundary. If
the erroneous comma is taken as the new byte boundary, all subsequent data is improperly decoded until a
properly aligned comma is detected. To prevent a data bit error in a data packet from being interpreted as a
comma, the comma word alignment circuit is turned off after receiving a properly aligned comma after the link
is established. The link is established after three idle patterns or one valid data pattern is properly received. The
comma alignment circuit is re-enabled when the synchronization state machine detects a loss of
synchronization condition (see synchronization and initialization). Loss of synchronization occurs when four or
more invalid words are received in a short period of time.
Two output signals, RX_DV/LOS and RX_ER, are generated along with the decoded 16-bit data output on the
RXD[0:15] terminals. The output status signals are asserted as shown in Table 2. When the TLK2501 decodes
normal data and outputs the data on RXD[0:15], RX_DV/LOS is asserted (logic high) and RX_ER is deasserted
(logic low). When the TLK2501 decodes a K23.7 code (F7F7) indicating carrier extend, RX_DV/LOS is
deasserted and RX_ER is asserted. If the decoded data is not a valid 8-bit/10-bit code, an error is reported by
the assertion of both RX_DV/LOS and RX_ER. If the error was due to an error propagation code, the RXD bits
outputs hex FEFE. If the error was due to an invalid pattern, the data output on RXD is undefined. When the
TLK2501 decodes an IDLE code, both RX_DV/LOS and RX_ER are deasserted and a K28.5 (BC) code followed
by either a D5.6 (C5) or D16.2 (50) code are output on the RXD terminals.
Table 2. Receive Status Signals
RECEIVED 20 BIT DATA
RX_DV/LOS
RX_ER
IDLE (< K28.5, D5.6 >, < K28.5, D16.2 >)
0
0
Carrier extend (K23.7, K23.7)
0
1
Normal data character (DX.Y)
1
0
Receive error propagation (K30.7, K30.7)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com