Electronic Components Datasheet Search
  English  ▼

X  

BNT01 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BNT01
Description  1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT01 Datasheet(HTML) 1 Page - BeRex Corporation

  BNT01 Datasheet HTML 1Page - BeRex Corporation BNT01 Datasheet HTML 2Page - BeRex Corporation BNT01 Datasheet HTML 3Page - BeRex Corporation BNT01 Datasheet HTML 4Page - BeRex Corporation BNT01 Datasheet HTML 5Page - BeRex Corporation BNT01 Datasheet HTML 6Page - BeRex Corporation BNT01 Datasheet HTML 7Page - BeRex Corporation BNT01 Datasheet HTML 8Page - BeRex Corporation BNT01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01
Internally matched to 50 ohms
This can be operated at Vd of 3.3V and 4.4V
37.0 dBm Output IP3 at 5dBm/tone at 1900MHz
15.5 dB Gain at 1900MHz
22.0 dBm P1dB at 1900 MHz
1.6 dB NF at 1900MHz
Lead-free/Green/RoHS Compliant SOT89 SMT Package
BeRex’s BNT01 is a wideband high linearity LNA
gain block, based on GaAs material with E-pHEMT
process and packaged in a RoHS-compliant with
SOT-89 Surface mount package. It is designed for
use where low noise and high linearity are re-
quired and features low noise and high OIP3 at
wideband frequency. It is internally matched to 50
Ohms without the need for external matching
components. All devices are 100% RF/DC tested
and classified as HBM ESD Class 1A.
Product Description
Device Features
 Base station Infrastructure/RFID
 Commercial/Industrial/Military wireless system
Applications
Applications Circuit
Typical Performance
1
Parameter
Frequency
Unit
Vd = 3.3V
1900
2140
2650
MHz
Gain
15.0
14.0
12.5
dB
S11
-16.5
-16.5
-18.0
dB
S22
-21.0
-19.5
-13.5
dB
OIP3
3
35.5
36.0
35.0
dBm
P1dB
19.5
20.0
20.0
dBm
Noise Figure
1.6
1.6
1.7
dB
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2013 BeRex
Parameter
Frequency
Unit
Vd = 4.4V
1900
2140
2650
MHz
Gain
15.5
14.5
13.0
dB
S11
-16.5
-17.0
-19.5
dB
S22
-20.0
-18.5
-13.0
dB
OIP3
2
37.0
37.0
36.0
dBm
P1dB
22.0
22.0
22.0
dBm
Noise Figure
1.6
1.7
1.8
dB
1 Device performance _ measured on BeRex’s evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured on two tones with a output power 5 dBm/ tone , F2—F1 = 1 MHz.
BOM
Value
Size
Tolerance
C1
100pF
0603
5%
C2
1000pF
0603
5%
C3
10uF
1206
10%
C4
9pF
0603
±0.25pF
C5
43pF
0603
5%
L1
39nH
0603
5%
Min.
Typical
Max.
Unit
Bandwidth
1500
3000
MHz
Id @ (Vd = 4.4V)
56
68
80
mA
Id @ (Vd = 3.3V)
37
47
57
dG/dT
-0.003
dB/°C
RTH
95
°C/W
3 OIP3 _ measured on two tones with a output power 3dBm/ tone , F2—F1 = 1 MHz.


Similar Part No. - BNT01

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BNT01 BEREX-BNT01 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01 Datasheet
1Mb / 17P
1500 -3000 MHz Wideband High Linearity LNA Gain Block
Rev. 9.6
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
BNT01 BEREX-BNT01_V01 Datasheet
1Mb / 17P
1500 -3000 MHz Wideband High Linearity LNA Gain Block
Rev. 9.6
More results

Similar Description - BNT01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP3M9038 TRIQUINT-TQP3M9038 Datasheet
549Kb / 8P
High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006 Datasheet
822Kb / 9P
High Linearity LNA Gain Block
TGA4935 TRIQUINT-TGA4935_15 Datasheet
712Kb / 11P
High Linearity LNA Gain Block
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
High Linearity LNA Gain Block
TQP3M9006 TRIQUINT-TQP3M9006_15 Datasheet
822Kb / 9P
High Linearity LNA Gain Block
TQP3M9028 TRIQUINT-TQP3M9028_15 Datasheet
573Kb / 10P
High Linearity LNA Gain Block
TQP3M9036 TRIQUINT-TQP3M9036_15 Datasheet
1Mb / 12P
High-Linearity LNA Gain Block
TQP3M9038 TRIQUINT-TQP3M9038_15 Datasheet
669Kb / 8P
High-Linearity LNA Gain Block
logo
BeRex Corporation
BNT01 BEREX-BNT01_18 Datasheet
983Kb / 17P
1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
logo
Qorvo, Inc
TQP3M9009 QORVO-TQP3M9009_V01 Datasheet
699Kb / 12P
High Linearity LNA Gain Block
February 1, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com