Electronic Components Datasheet Search
  English  ▼

X  

BNT01 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BNT01
Description  1.5 -3.0 GHz Wideband High Linearity LNA Gain Block
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BNT01 Datasheet(HTML) 5 Page - BeRex Corporation

  BNT01 Datasheet HTML 1Page - BeRex Corporation BNT01 Datasheet HTML 2Page - BeRex Corporation BNT01 Datasheet HTML 3Page - BeRex Corporation BNT01 Datasheet HTML 4Page - BeRex Corporation BNT01 Datasheet HTML 5Page - BeRex Corporation BNT01 Datasheet HTML 6Page - BeRex Corporation BNT01 Datasheet HTML 7Page - BeRex Corporation BNT01 Datasheet HTML 8Page - BeRex Corporation BNT01 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
BNT01
S-Parameter
Typical Performance (Vd=4.4V, Id=68mA , T = 25°C)
Typical Performance (Vd=3.3V, Id=47mA , T = 25°C)
Rev. C
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2013 BeRex
Freq
MHz
1900
2140
2650
S21
dB
15.3
14.5
12.7
S11
dB
-16.5
-17.0
-19.5
S22
dB
-20.0
-18.5
-13.0
P1
dBm
22.0
22.0
22.0
OIP3
dBm
37.0
37.0
36.0
NF
dB
1.6
1.7
1.8
Freq
MHz
1900
2140
2650
S21
dB
15.1
14.2
12.5
S11
dB
-16.5
-16.5
-18.0
S22
dB
-21.0
-19.5
-13.5
P1
dBm
19.5
20
20.0
OIP3
dBm
35.5
36.0
35.5
NF
dB
1.5
1.7
1.8
1.5 - 3.0 GHz Wideband High Linearity LNA Gain Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com