Electronic Components Datasheet Search
  English  ▼

X  

TPS70845 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS70845
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70845 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS70845 Datasheet HTML 9Page - Texas Instruments TPS70845 Datasheet HTML 10Page - Texas Instruments TPS70845 Datasheet HTML 11Page - Texas Instruments TPS70845 Datasheet HTML 12Page - Texas Instruments TPS70845 Datasheet HTML 13Page - Texas Instruments TPS70845 Datasheet HTML 14Page - Texas Instruments TPS70845 Datasheet HTML 15Page - Texas Instruments TPS70845 Datasheet HTML 16Page - Texas Instruments TPS70845 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TPS70845, TPS70848, TPS70851, TPS70858, TPS70802
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS301B – JUNE 2000 – REVISED OCTOBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
IO = 10 mA
CO = 22 µF
VOUT1
–60
–80
–90
10
100
1 k
10 k
–40
–20
–10
100 k
1 M
–30
–50
–70
f – Frequency – Hz
TPS70851
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
Figure 8
–40
–60
–70
–90
10
100
1 k
10 k
–20
0
10
100 k
1 M
–10
–30
–50
–80
IO = 250 mA
CO = 22 µF
VOUT1
f – Frequency – Hz
TPS70851
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
Figure 9
–60
–80
–90
10
100
1 k
10 k
–40
–20
–10
100 k
1 M
–30
–50
–70
f – Frequency – Hz
TPS70851
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
IO = 10 mA
CO = 22 µF
VOUT2
Figure 10
–40
–60
–70
–90
10
100
1 k
10 k
–20
0
10
100 k
1 M
–10
–30
–50
–80
IO = 150 mA
CO = 22 µF
VOUT2
f – Frequency – Hz
TPS70851
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com