Electronic Components Datasheet Search
  English  ▼

X  

TPS70845 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS70845
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70845 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70845 Datasheet HTML 17Page - Texas Instruments TPS70845 Datasheet HTML 18Page - Texas Instruments TPS70845 Datasheet HTML 19Page - Texas Instruments TPS70845 Datasheet HTML 20Page - Texas Instruments TPS70845 Datasheet HTML 21Page - Texas Instruments TPS70845 Datasheet HTML 22Page - Texas Instruments TPS70845 Datasheet HTML 23Page - Texas Instruments TPS70845 Datasheet HTML 24Page - Texas Instruments TPS70845 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MR
VOUT2
VIN1
VIN2
EN1
EN2
VOUT1
VSENSE1
PG1
RESET
PG2
MR
VSENSE2
VOUT2
VIN
VOUT1
PG2
0.1
µF
RESET
10
µF
10
µF
0.1
µF
EN1
2 V
0.7 V
TPS708xxPWP
(Fixed Output Option)
>2 V
<0.7 V
EN2
250 k
250 k
250 k
>2 V
<0.7 V
TPS70845, TPS70848, TPS70851, TPS70858, TPS70802
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS301B – JUNE 2000 – REVISED OCTOBER 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
application conditions not shown in block diagram:
VIN1 and VIN2 are tied to the same fixed input
voltage greater than VUVLO. MR is initially logic
high but is eventually toggled.
explanation of timing diagrams:
EN1 and EN2 are initially high; therefore, both
regulators are off, and PG1 and PG2 are at logic
low. Since VIN1 is greater than VUVLO and MR is
at logic high, RESET is also at logic high. When
EN2 is taken to logic low, VOUT2 turns on. Later,
when EN1 is taken to logic low, VOUT1 turns on.
When VOUT2 reaches 95% of its regulated output
voltage, PG2 goes to logic high. When VOUT1
reaches 95% of its regulated output voltage, PG1
goes to logic high. When MR is taken to logic low,
RESET is taken low. When MR returns to logic
high, RESET returns to logic high after a 120 ms
delay.
95%
t1
EN2
VOUT2
VOUT1
PG2
MR
PG1
RESET
95%
120ms
EN1
NOTES: A. t1 – Time at which VIN is greater than VUVLO and MR is logic high.
B. The timing diagrams are not drawn to scale.
Figure 35. Timing When MR Is Toggled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com