Electronic Components Datasheet Search
  English  ▼

X  

SM8207 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM8207
Description  SM8207???窈녽솉鶯볟엹若싮쎔役곭쉪LED要끻땿IC,??뇡?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8207 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM8207 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SM8207
1
2
3
6
7
8
ZCD
GND
VIN
CS
GATE
VCC
SOP-8 (正視)
1
ZCD
2
3
4
6
VCC
並接一個4.7uF以上, Low-ESR陶瓷電容到IC的參考地. 它僅做供給
IC內部偏壓之用,外部不可使其短路或施加任何負載.
7
透過一個外部電阻去檢測電感電流,當零電流檢測迴路檢測到電感的電
流已經到達零電流時(電感被消磁),控制器會送出一個讓Power MOSFET再導通的信號,重
新啟動MOSFET.
8
GATE
CS
放一個電阻介於Power MOSFET源極端與電感器之間去檢測電感器峰值電
流,進而達到平均電流控制目的.
輸出電流去驅動一個外部的N型Power MOSFET. 串聯一只電阻到MOSFET
的閘極來限制啟動峰值電流並穫得較佳的EMI. 當輸入低於UVLO閂鎖電壓時此信號被維持
在低準位.
COMP
VIN
5
預留做其他功能目前無任何定義.
Part Number
Marking
SM8207SL
△xxxxxx
SM8207SL
Packing Method
Tape & reel
2
www.samhop.com.tw
Rev. 1.1 @ 2013/03
GND
線路所有的迴路皆以此做為參考點, 應儘量靠近而且線距要最短.
Note: The letter “S” is marked for SOP package, and letter “L” is marked
for Lead free parts.
4
5
COMP
N.C
此腳位尚有針對輸入過高壓保護的功用.
N.C
[備註說明]: IC參考地 GND Pin)與市電或橋式整流器的地是不同,萬萬不可將其接在一起,否則會燒燬晶片.
從此端放一個電容到地作為控制補償之用以穩定迴路操作.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com