Electronic Components Datasheet Search
  English  ▼

X  

SM8207 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM8207
Description  SM8207???窈녽솉鶯볟엹若싮쎔役곭쉪LED要끻땿IC,??뇡?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8207 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM8207 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8207 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SM8207
VCC, COMP, ZCD, CS to GND
VIN to GND
V
V
V
48
-0.3 to 5.5
GATE to GND
22
界面能承受的最高溫度
150
℃
Junction To Ambient 導熱阻抗 (θJA)
102
℃/W
操作的界面溫度
-40 〜 +125
℃
儲存溫度範圍
-55 〜 +150
℃
接腳溫度 (錫焊,10sec)
260
℃
Min
Units
VIN (輸入電壓)
10
V
Max
18
FSW (操作頻率)
-
70
KHz
TA (工作環境溫度)
-20
85
℃
Parameter
Symbol
Min
Typ
Max
Units Test Conditions
測試條件:VIN =18V, CVCC =CVIN =10uF, CCOMP=0.1uF, TA=25℃,除非有其他的註解,否則依此測試條件為主.
VIN pin)
VIN_ON
Turn-on threshold voltage
15
14
V
VCS=0
UVLO Hysteresis
-
6
-
V
(Internal Regulator)
13
VCC
Internal regulated voltage for bias supply
5.00
4.85
5.15
V
VCC pin connected a 10uF
Capacitor to GND, ICC=0.
3
www.samhop.com.tw
Rev. 1.1 @ 2013/03
[備註說明]: 如果操作於此絕對最大額定值,可能會有燒燬晶片造成永久性的失效之虞.
VIN_OFF
Turn-off threshold voltage
8
7
9
V
VIN_HYS
VIN_OVP
Input voltage over-voltage threshold
26
24
22
V
IST
Start current
起動前的電流,VIN=10V
5
10
uA
-
IOP
Operating current
VCS=0
1.4
mA
1.6
1.2
VCC (LOAD)
Load regulation of the VCC voltage
0
15
-
mV
ICC=0〜5mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com