Electronic Components Datasheet Search
  English  ▼

X  

SP206 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP206
Description  5V RS-232 Serial Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP206 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP206 Datasheet HTML 6Page - Exar Corporation SP206 Datasheet HTML 7Page - Exar Corporation SP206 Datasheet HTML 8Page - Exar Corporation SP206 Datasheet HTML 9Page - Exar Corporation SP206 Datasheet HTML 10Page - Exar Corporation SP206 Datasheet HTML 11Page - Exar Corporation SP206 Datasheet HTML 12Page - Exar Corporation SP206 Datasheet HTML 13Page - Exar Corporation SP206 Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
ORDERING INFORMATION
Part number
Drivers Receivers Temperature
range
Package Type
SP206CA-L
4
3
0 to +700C
24 pin SSOP
SP206CA-L/TR
4
3
0 to +700C
24 pin SSOP
SP206CT-L
4
3
0 to +700C
24 pin WSOIC
SP206CT-L/TR
4
3
0 to +700C
24 pin WSOIC
SP206EA-L
4
3
-40 to +850C
24 pin SSOP
SP206EA-L/TR
4
3
-40 to +850C
24 pin SSOP
SP206ET-L
4
3
-40 to +850C
24 pin WSOIC
SP206ET-L/TR
4
3
-40 to +850C
24 pin WSOIC
SP207CT-L
5
3
0 to +700C
24 pin WSOIC
SP207CT-L/TR
5
3
0 to +700C
24 pin WSOIC
SP207ET-L
5
3
-40 to +850C
24 pin WSOIC
SP207ET-L/TR
5
3
-40 to +850C
24 pin WSOIC
SP208CA-L
4
4
0 to +700C
24 pin SSOP
SP208CA-L/TR
4
4
0 to +700C
24 pin SSOP
SP208CT-L
4
4
0 to +700C
24 pin WSOIC
SP208CT-L/TR
4
4
0 to +700C
24 pin WSOIC
SP208EA-L
4
4
-40 to +850C
24 pin SSOP
SP208EA-L/TR
4
4
-40 to +850C
24 pin SSOP
SP208ET-L
4
4
-40 to +850C
24 pin WSOIC
SP208ET-L/TR
4
4
-40 to +850C
24 pin WSOIC
SP2CA-L
4
5
0 to +700C
28 pin SSOP
SP2CA-L/TR
4
5
0 to +700C
28 pin SSOP
SP2CT-L
4
5
0 to +700C
28 pin WSOIC
SP2CT-L/TR
4
5
0 to +700C
28 pin WSOIC
SP2EA-L
4
5
-40 to +850C
28 pin SSOP
SP2EA-L/TR
4
5
-40 to +850C
28 pin SSOP
SP2ET-L
4
5
-40 to +850C
28 pin WSOIC
SP2ET-L/TR
4
5
-40 to +850C
28 pin WSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com