Electronic Components Datasheet Search
  English  ▼

X  

SP206 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP206
Description  5V RS-232 Serial Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP206 Datasheet(HTML) 5 Page - Exar Corporation

  SP206 Datasheet HTML 1Page - Exar Corporation SP206 Datasheet HTML 2Page - Exar Corporation SP206 Datasheet HTML 3Page - Exar Corporation SP206 Datasheet HTML 4Page - Exar Corporation SP206 Datasheet HTML 5Page - Exar Corporation SP206 Datasheet HTML 6Page - Exar Corporation SP206 Datasheet HTML 7Page - Exar Corporation SP206 Datasheet HTML 8Page - Exar Corporation SP206 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
DESCRIPTION
FEATURES
The SP206/207/208/2 multi-channel RS-232
line transceivers provide a variety of configu-
rations to fit most communication needs, es-
pecially those applications where +/-2V is not
available. All models in this series feature low-
power CMOS construction and Exar's proprie-
tary on-board charge pump circuitry to generate
the +/-0V RS-232 voltage levels. The ability to
use 0.µF charge pump capacitors saves board
space and reduces circuit cost. Different mod-
els within the series provide different driver/re-
ceiver combinations to match any application
requirement.
The SP206 and SP2 models feature a low-
power shutdown mode that reduces power sup-
ply drain to µA.
The models in this series are available in 24-pin
and 28-pin SO (wide) and SSOP (shrink) small
outline packages. Devices can be specified for
commercial (0ºC to +70ºC) or industrial/extend-
ed (-40ºC to +85ºC) operating temperatures.
THEORY OF OPERATION
CHARgE PUMP
The charge pump is an Exar patented design
and uses a unique approach compared to older
less-efficient designs. The charge pump still
requires four external capacitors, but uses a
four phase voltage shifting technique to attain
symmetrical +/-0V power supplies. Figure a
shows the waveform found on the positive side
of capacitor C2 and Figure 3b shows the nega-
tive side of capacitor C2. There is a free-run-
ning oscillator that controls the four phases of
the voltage shifting. A description of each phase
follows:
PHASE 1
Vss charge storage - During this phase of the
clock cycle, the positive side of capacitors C
and C2 are initially charged to +5V. C+ is then
switched to ground and the charge in C- is
transferred to C2-. Since C2+ is connected to
+5V, the voltage potential across capacitor C2
is now 0V.
PHASE 2
Vss transfer: Phase two of the clock connects
the negative terminal of C2 to the Vss stor-
age capacitor and the positive terminal of C2
to ground, and transfers the generated -0V to
C3. Simultaneously, the positive side of capaci-
tor C is switched to +5V and the negative side
is connected to ground.
PHASE 3
Vdd charge storage: The third phase of the
clock is identical to the first phase. The charge
transferred in C produces -5V in the negative
terminal of C, which is applied to the negative
side of C2. Since C2+ is at +5V, the voltage po-
tential across C2 is 0V.
PHASE 4
Vdd transfer: The fourth phase of the clock con-
nects the negative terminal of C2 to ground,
and transfers the generated 0V across C2 to
C4, the Vdd storage capacitor. Again, simulta-
neously with this, the positive side of capaci-
tor C is switched to +5V and the negative side
is connected to ground, and the cycle begins
again.
Since both V+ and V- are separately generated
from Vcc; in a no-load condition V+ and V- will
be symmetrical. Older charge pump approach-
es that generate V- from V+ will show a de-
crease in magnitude of V- compared to V+ due
to the inherent inefficiencies in the design.
The clock rate for the charge pump typically op-
erates at greater than 5kHz allowing the pump
to run efficiently with small 0.1uF capacitors
with a 6V breakdown voltage rating.
The SP206/207/208/2 devices are made up
of three basic circuit blocks - ) transmitter/
driver, 2) receiver and 3) charge pump. Each
model within the series incorporates variations
of these circuit to achieve the desired configu-
ration and performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com