Electronic Components Datasheet Search
  English  ▼

X  

SP211EH Datasheet(PDF) 6 Page - Exar Corporation

Part # SP211EH
Description  High Speed 5V High Performance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211EH Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP211EH Datasheet HTML 2Page - Exar Corporation SP211EH Datasheet HTML 3Page - Exar Corporation SP211EH Datasheet HTML 4Page - Exar Corporation SP211EH Datasheet HTML 5Page - Exar Corporation SP211EH Datasheet HTML 6Page - Exar Corporation SP211EH Datasheet HTML 7Page - Exar Corporation SP211EH Datasheet HTML 8Page - Exar Corporation SP211EH Datasheet HTML 9Page - Exar Corporation SP211EH Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP2EH_23EH_0_060
6
SHuTDOwN MODE
The
SP211EH and SP213EH both feature
a control input which will disable the device
and reduce power supply to less than 0µA,
making the parts ideal for battery-powered
systems. In the "shutdown" mode the
receivers and transmitters will both be tri-
stated. The V+ output of the charge pump
will discharge to Vcc and the V- output will
discharge to ground.
For complete shutdown to occur and the
0µA power drain to be realized, the follow-
ingconditionsmustbemet:
SP211EH:
• +5V must be applied to the SD pin.
• ENABLE must be either 0V, +5V or not
connected
• the transmitter inputs must be either
+5.0V or not connected
• Vcc must be +5V
• Receiver inputs must be >0V and <+5V
SP213EH:
• 0V must be applied top the SD pin
• ENABLE must be either 0V, +5.0V or
not connected
• the transmitter inputs must be either
+5.0V or not connected
• Vcc must be +5V
• Receiver inputs must be >0V and <+5V
ENAblE
SP211EH and SP213EH feature an enable
input, which allows the receiver outputs to
be either tri–stated or enabled. This can be
especially useful when the receiver is tied
directly to a shared microprocessor data
bus. For the
SP211EH, enable is active
low; that is, 0V applied to the ENABLE pin
will enable the receiver outputs. For the
SP213EH, enable is active high; that is, +5V
applied to the ENABLE pin will enable the
receiver outputs.
wAKE-uP FuNCTION
The
SP213EH has a wake-up feature that
keeps two receivers (R4 and R5) in an en-
abled state when the device is in shutdown
mode.Withonlythereceiversactiveduring
shutdown, the devices draw 5-0µA of sup-
ply current.
Atypical application of this function would be
where a modem is interfaced to a computer
in a power-down mode. The ring indicator
signal from the modem could be passed
through an active receiver in the
SP213EH
that is itself in the shutdown mode. The ring
indicator signal would propagate through
the
SP213EH to the power management
circuitry of the computer to power up the
microprocessor and the
SP213EH drivers.
After the supply voltage to the
SP213EH
reaches +5.0V, the SHUTDOWN pin can
be disabled, taking the
SP213EH out of the
shutdown mode.
All receivers that are active during shutdown
maintain 500mV (typical) of hysteresis.
SD EN
Power
Up/Down
Receiver
Outputs


Up
Enable

0
Up
Tri-state
0

Down
Enable
0
0
Down
Tri-State
Table2.SP213EHWake-UpTruthTable
SD EN
Power
Up/Down
Receiver
Outputs
0
0
Up
Enable
0

Up
Tri-state

0
Down
Enable


Down
Tri-State
Table 3. SP2EH Receiver Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com