Electronic Components Datasheet Search
  English  ▼

X  

SP211EH Datasheet(PDF) 8 Page - Exar Corporation

Part # SP211EH
Description  High Speed 5V High Performance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211EH Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP211EH Datasheet HTML 4Page - Exar Corporation SP211EH Datasheet HTML 5Page - Exar Corporation SP211EH Datasheet HTML 6Page - Exar Corporation SP211EH Datasheet HTML 7Page - Exar Corporation SP211EH Datasheet HTML 8Page - Exar Corporation SP211EH Datasheet HTML 9Page - Exar Corporation SP211EH Datasheet HTML 10Page - Exar Corporation SP211EH Datasheet HTML 11Page - Exar Corporation SP211EH Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP2EH_23EH_0_060
8
Charge–Pump
The charge pump is a
Exar-patenteddesign
(5,306,954) and uses a unique approach
compared to older less-efficient designs.
The charge pumps still requires four external
capacitors, but uses a four-phase voltage
shifting technique to attain symmetrical 0V
power supplies. Figure 3a shows the wave-
form found on the positive side of capacitor
C2, and Figure 3b shows the negative side
of capacitor C2. There is a free-running
oscillator that controls the four phases of
the voltage shifting. A description of each
phaseisasfollows:
+10V
a) C
2
+
gND
gND
b) C
2
–10V
Figure 5. Typical waveforms seen on ca-
pacitor C2 when all drivers are at maximum
load.
Phase 1
— V
SS charge storage —During this phase of
theclockcycle,thepositivesideofcapacitors
C
 and C2 are initially charged to +5V. C
+
is
then switched to ground and charge on C

is
transferred to C
2
. Since C
2
+
is connected to
+5V, the voltage potential across capacitor
C
2 is now 0V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal
of C
2 to ground, and transfers the generated
–l0V to C
3. Simultaneously, the positive side
of capacitor C
 is switched to +5V and the
negative side is connected to ground.
Phase 3
— V
DD charge storage — The third phase
of the clock is identical to the first phase
— the charge transferred in C
 produces
–5V in the negative terminal of C
, which
is applied to the negative side of capacitor
C
2. Since C2
+
is at +5V, the voltage potential
across C
2 is l0V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2
to ground and transfers the generated l0V
across C
2 to C4, the VDD storage capacitor.
Again, simultaneously with this, the positive
side of capacitor C
 is switched to +5V and
the negative side is connected to ground,
and the cycle begins again.
Since both V+ and Vare separately gen-
erated from V
CC in a no–load condition, V+
and Vwill be symmetrical. Older charge
pump approaches that generate Vfrom
V+ will show a decrease in the magnitude
of Vcompared to V+ due to the inherent
inefficienciesinthedesign.
The clock rate for the charge pump typically
operates at 5kHz. The external capacitors
must be a minimum of 0.µF with a 6V
breakdown rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com