Electronic Components Datasheet Search
  English  ▼

X  

SP2525A Datasheet(PDF) 2 Page - Exar Corporation

Part # SP2525A
Description  Single Channel USB Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2525A Datasheet(HTML) 2 Page - Exar Corporation

  SP2525A Datasheet HTML 1Page - Exar Corporation SP2525A Datasheet HTML 2Page - Exar Corporation SP2525A Datasheet HTML 3Page - Exar Corporation SP2525A Datasheet HTML 4Page - Exar Corporation SP2525A Datasheet HTML 5Page - Exar Corporation SP2525A Datasheet HTML 6Page - Exar Corporation SP2525A Datasheet HTML 7Page - Exar Corporation SP2525A Datasheet HTML 8Page - Exar Corporation SP2525A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
S
SP
P2
25
52
25
5A
A
S
Siin
ng
glle
e C
Ch
ha
an
nn
ne
ell U
US
SB
B P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
2/10
Rev. 2.1.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Supply Voltage VIN ................................................. 7.0V
Fault Flag Voltage VFLG............................................ 7.0V
Fault Flag Current IFLG ...........................................50mA
Enable Input VEN......................................... -0.3V to 15V
Storage Temperature .............................. -65°C to 150°C
Power Dissipation (NSOIC-8) .........................................
(derate 6.14mW/°C above 70°C)...................... 500mW
OPERATING RATINGS
Ambient Temperature Range ..................... -40°C to 85°C
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Ambient Temperature of TA = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TA = 25°C, and are provided
for reference purposes only. Unless otherwise indicated, VIN = 5.0V, TA= 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Supply Current
0.75
5.0
µA
VEN = Logic “0” OUT =open
75
100
VEN = Logic “1” OUT =open
Enable Input Voltage
0.8
1.7
V
VEN = Logic “0”
2.0
2.4
VEN = Logic “1”
Enable Input Current
0.01
1
µA
VEN = Logic “0”
0.01
1
VEN = Logic “1”
Enable Input Capacitance
1
pF
Output MOSFET Resistance
70
100
mΩ
Output turn-on delay
100
µs
RL=10Ω, each output
Output turn-on rise time
1000
4000
µs
RL=10Ω, each output
Output turn-off delay
0.8
20
µs
RL=10Ω, each output
Output turn-off fall time
0.7
20
µs
RL=10Ω, each output
Output Leakage Current
10
µA
Current limit threshold
0.6
1.0
1.25
A
Over temperature shutdown
threshold
135
°C
Temperature TJ raising
125
Temperature TJ decreasing
Error Flag Output Resistance
10
25
Ω
VIN=5V, IL=10mA
15
40
VIN=3.3V, IL=10mA
Error Flag Current
0.01
1
µA
UVLO threshold
2.6
V
VIN increasing
2.4
VIN decreasing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com