Electronic Components Datasheet Search
  English  ▼

X  

SP2525A Datasheet(PDF) 4 Page - Exar Corporation

Part # SP2525A
Description  Single Channel USB Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2525A Datasheet(HTML) 4 Page - Exar Corporation

  SP2525A Datasheet HTML 1Page - Exar Corporation SP2525A Datasheet HTML 2Page - Exar Corporation SP2525A Datasheet HTML 3Page - Exar Corporation SP2525A Datasheet HTML 4Page - Exar Corporation SP2525A Datasheet HTML 5Page - Exar Corporation SP2525A Datasheet HTML 6Page - Exar Corporation SP2525A Datasheet HTML 7Page - Exar Corporation SP2525A Datasheet HTML 8Page - Exar Corporation SP2525A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
S
SP
P2
25
52
25
5A
A
S
Siin
ng
glle
e C
Ch
ha
an
nn
ne
ell U
US
SB
B P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
4/10
Rev. 2.1.0
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP2525A-1EN-L
-40°C≤TA≤+85°C
Sipex
2525A-1E
YYWWL
NSOIC8
Bulk
RoHS Compliant
Halogen Free
Enable
Active high
SP2525A-1EN-L/TR
-40°C≤TA≤+85°C
2.5K/Tape & Reel
SP2525A-2EN-L
-40°C≤TA≤+85°C
Sipex
2525A-2E
YYWWL
NSOIC8
Bulk
RoHS Compliant
Halogen Free
Enable Active
Low
SP2525A-2EN-L/TR
-40°C≤TA≤+85°C
2.5K/Tape & Reel
“YY” = Year – “WW” = Work Week – “X” = Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com