Electronic Components Datasheet Search
  English  ▼

X  

SP3203E Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 3 Page - Exar Corporation

  SP3203E Datasheet HTML 1Page - Exar Corporation SP3203E Datasheet HTML 2Page - Exar Corporation SP3203E Datasheet HTML 3Page - Exar Corporation SP3203E Datasheet HTML 4Page - Exar Corporation SP3203E Datasheet HTML 5Page - Exar Corporation SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
V
CC = VL = +3.0V to +5.5V, C - C4 = 0.µF, tested at +3.3V +/-0%, C = 0.047µF, C2 - C4 = 0.33µF, tested at
+5.0V +/-0%, T
AMB = TMIN to TMAX, unless otherwise noted. Typical values are at Vcc = VL = 3.3V, TA = +25ºC.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RECEIVER INPUTS
Input Voltage Range
-25
+25
V
Input Threshold Low
0.8
.5
V
T
A = +25ºC
V
L = 5.0V
0.6
.2
V
V
L = 2.5V or 3.3V
Input Threshold High
.8
2.4
V
T
A = +25ºC
V
L = 5.0V
.5
2.4
V
V
L = 2.5V or 3.3V
Input Hysteresis
0.5
V
Input Resistance
3
5
7
k Ω
TRANSMITTER OUTPUTS
Output Voltage Swing
+/-5.0
+/-5.4
V
All transmitter outputs loaded with
3kΩ to GND, T
AMB = +25ºC
Output Resistance
300
0M
Ω
Vcc = V+ = V- = 0V, Vout = +/-2V
Output Short-Circuit Current
+/-60
mA
Vout = 0V
Output Leakage Current
+/-25
µA
Vcc = 0V or 3.0V to 5.5V,
Vout = +/-2V, Driver disabled
ESD PROTECTION
RxIN, TxOUT
+/-5
kV
Human Body Model
+/-5
kV
IEC 6000-4-2 Air Gap Discharge
+/-8
kV
IEC 6000-4-2 Contact Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com