Electronic Components Datasheet Search
  English  ▼

X  

SP3203E Datasheet(PDF) 5 Page - Exar Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3203E Datasheet(HTML) 5 Page - Exar Corporation

  SP3203E Datasheet HTML 1Page - Exar Corporation SP3203E Datasheet HTML 2Page - Exar Corporation SP3203E Datasheet HTML 3Page - Exar Corporation SP3203E Datasheet HTML 4Page - Exar Corporation SP3203E Datasheet HTML 5Page - Exar Corporation SP3203E Datasheet HTML 6Page - Exar Corporation SP3203E Datasheet HTML 7Page - Exar Corporation SP3203E Datasheet HTML 8Page - Exar Corporation SP3203E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3203E_00_2080
Figure . SP3203E Typical Operating Circuit
TYPICAL OPERATING CIRCUIT
SP3203E
1
3
5
4
2
6
19
GND
T1IN
T2IN
C1+
C1-
C2+
C2-
V+
V-
VCC
7
8
+
C2
C5
C1
+
+
C3
C4
+
+
17
16
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
+3V to +5.5V
18
5KΩ
R1OUT
11
14
5KΩ
R2IN
R2OUT
10
13
TTL/CMOS
OUTPUTS
R1IN
T2OUT
T1OUT
Shutdown
20
12
VL
T3IN
9
15
T3OUT
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com