Electronic Components Datasheet Search
  English  ▼

X  

QSS Datasheet(PDF) 8 Page - Samtec, Inc

Part # QSS
Description  0,635mm High Speed Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSS Datasheet(HTML) 8 Page - Samtec, Inc

  QSS Datasheet HTML 1Page - Samtec, Inc QSS Datasheet HTML 2Page - Samtec, Inc QSS Datasheet HTML 3Page - Samtec, Inc QSS Datasheet HTML 4Page - Samtec, Inc QSS Datasheet HTML 5Page - Samtec, Inc QSS Datasheet HTML 6Page - Samtec, Inc QSS Datasheet HTML 7Page - Samtec, Inc QSS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
Series: QSS / QTS 0,635mm High Speed Socket / Terminal Strips
Revision: E
Date: November 11, 2015
© 2012 Samtec, Inc.
Page 8
9.0 ADDITIONAL RESOURCES
9.1 For additional mechanical testing or product information, contact our Customer Engineering Support Group at
CES@samtec.com
9.2 For additional information on high speed performance testing, contact our Signal Integrity Group at
SIG@samtec.com
9.3 For additional processing information, contact our Interconnect Processing Group at IPG@samtec.com.
9.4 For RoHS, REACH or other environmental compliance information, contact our Product Environmental
Compliance Group at PEC@samtec.com
USE OF PRODUCT SPECIFICATION SHEET
This Product Specification Sheet (“PSS”) is a brief summary of information related to the Product identified. As a summary, it should
only be used for the limited purpose of considering the purchase/use of Product. For specific, detailed information, including but not
limited to testing and Product footprint, refer to Section 2.0 of this document and the links there provided to test reports and prints. This
PSS is the property of Samtec, Inc. (“Samtec”) and contains proprietary information of Samtec, our various licensors, or both. Samtec
does not grant express or implied rights or license under any patent, copyright, trademark or other proprietary rights and the use of the
PSS for building, reverse engineering or replication is strictly prohibited. By using the PSS, the user agrees to not infringe, directly or
indirectly, upon any intellectual property rights of Samtec and acknowledges that Samtec, our various licensors, or both own all
intellectual property therein. The PSS is presented “AS IS”. While Samtec makes every effort to present excellent information, the PSS
is only provided as a guideline and does not, therefore, warrant it is without error or defect or that the PSS contains all necessary and/or
relevant information about the Product. The user agrees that all access and use of the PSS is at its own risk. NO WARRANTIES
EXPRESSED OR IMPLIED, INCLUDING ANY WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE OR OF ANY KIND WHATSOEVER ARE PROVIDED.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com