Electronic Components Datasheet Search
  English  ▼

X  

SP332 Datasheet(PDF) 11 Page - Exar Corporation

Part # SP332
Description  RS-232/RS-485 Multi-mode SerialTransceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP332 Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP332 Datasheet HTML 3Page - Exar Corporation SP332 Datasheet HTML 4Page - Exar Corporation SP332 Datasheet HTML 5Page - Exar Corporation SP332 Datasheet HTML 6Page - Exar Corporation SP332 Datasheet HTML 7Page - Exar Corporation SP332 Datasheet HTML 8Page - Exar Corporation SP332 Datasheet HTML 9Page - Exar Corporation SP332 Datasheet HTML 10Page - Exar Corporation SP332 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP332_00_0260
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP332CT-L.......................................................................... 0°C to +70°C.............................................................................................28-pin WSOIC
SP332CT-L/TR.................................................................... 0°C to +70°C.............................................................................................28-pin WSOIC
SP332ET-L....................................................................... -40°C to +85°C.............................................................................................28-pin WSOIC
SP332ET-L/TR................................................................. -40°C to +85°C.............................................................................................28-pin WSOIC
REVISION HISTORy
DATE
REVISION DESCRIPTION
967RO
-
Legacy Sipex Datasheet
0/26/0
.0.0
Convert to Exar Format. Add Revision History table. Change revision to 1.0.0. Add
Note 1 and change maximum RS-485 data rate at +85C. Update ABS Max Rating
table.
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2010 EXAR Corporation
Datasheet January 2010
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
Note: /TR = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com