Electronic Components Datasheet Search
  English  ▼

X  

SP332 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP332
Description  RS-232/RS-485 Multi-mode SerialTransceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP332 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP332 Datasheet HTML 2Page - Exar Corporation SP332 Datasheet HTML 3Page - Exar Corporation SP332 Datasheet HTML 4Page - Exar Corporation SP332 Datasheet HTML 5Page - Exar Corporation SP332 Datasheet HTML 6Page - Exar Corporation SP332 Datasheet HTML 7Page - Exar Corporation SP332 Datasheet HTML 8Page - Exar Corporation SP332 Datasheet HTML 9Page - Exar Corporation SP332 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP332_00_0260
The
SP332 is single chip device that can be
configured via software for either RS-232,
RS-485 or both interface modes at any
time. The
SP332 is made up of three basic
circuit elements, single-ended drivers and
receivers, differential drivers and receivers
and charge pump.
DIFFERENTIAL DRIVER/RECEIVER...
RS-485, RS-422 Drivers...
The differential drivers and receivers comply
with the RS-485 and RS-422 standards.The
driver circuits are able to drive a minimum
of 1.5V when terminated with a 54Ω resistor
across the two outputs. The typical propa-
gation delay from driver input to output is
60ns. The driver outputs are current limited
to less than 250mA, and can tolerate shorts
to ground, or to any voltage within a +10V
to -7V range with no damage.
RS-485, RS-422 Receivers...
The differential receivers of the
SP332 com-
ply with the RS-485 and RS-422 standards,
The input to the receiver is equipped with a
common mode range of +12V to -7V. The
input threshold over this range is a minimum
of +/-200mV. The differential receivers can
receive data up to 10Mbps. The typical
propagation delay from the receiver input
to output is 90ns.
SINGLE ENDED DRIVER / RECEIVER...
RS-232 (V.28) Drivers...
The single-ended drivers and receivers
comply with the RS-232 and V.28 standards.
The drivers are inverting transmitters which
accepteitherTTLorCMOSinputsandoutput
the RS-232 signals with an inverted sense
relative to the input logic levels. Typically,
the RS-232 driver output voltage swing is
+/-9V with no load and is guaranteed to be
greater than +/-5V under full load. The driv-
ers rely on the V+ and V- voltages generated
by the on-chip charge pump to maintain
proper RS-232 output levels. With worst
case load conditions of 3kΩ and 2500pF, the
four RS-232 drivers can still maintain +/-5V
output levels. The drivers can operate up to
120kbps; the propagation delay from input
to output is typically 2µs.
RS-232 (V.28) Receivers...
The RS-232 receivers convert RS-232
input signals to inverted TTL signals. Each
of the four receivers features 500mV of
hysteresis margin to minimize the affects
of noisy transmission lines. The inputs
also have a 5kΩ resistor to ground, in
an open circuit situation the input of the
receiver will be forced low, committing
the output to a logic high state. The input
resistance will maintain 3kΩ to 7kΩ over
a +/-15V range. The maximum operating
voltage range for the receiver is +/-30V,
under these conditions the input current to
the receiver must be limited to less than
100mA. Due to the on-chip ESD protec-
tion circuitry, the receiver inputs will be
clamped to +/-5V levels. The RS-232
receivers can operate up to 120kbps.
Charge–Pump
Thechargepumpisa
Exar–patenteddesign
(U.S.5,306,954)andusesauniqueapproach
compared to older less efficient designs.
The charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical
10V power supplies. Figure 7(a) shows the
waveformfoundonthepositivesideofcapci-
tor C2, and Figure 7(b) shows the negative
side of capcitor C2. There is a free–running
oscillator that controls the four phases of
the voltage shifting. A description of each
phase follows.
Phase 1
— V
SS charge storage —During this phase of
theclockcycle,thepositivesideofcapacitors
C
 and C2 are initially charged to +5V. Cl
+
is
then switched to ground and charge on C

–
is
transferred to C
2
–
. Since C
2
+
is connected to
+5V, the voltage potential across capacitor
C
2 is now 0V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal
of C
2 to ground, and transfers the generated
–l0V to C
3. Simultaneously, the positive side
of capacitor C
 is switched to +5V and the
negative side is connected to ground.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com